Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P8212 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # P8212
Description  Integrated light emitting/receiving elements for automobile VICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P8212 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  P8212_15 Datasheet HTML 1Page - Hamamatsu Corporation P8212_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P8212 is a light emitting/receiving module consisting of an LED array and a photodiode in the same small package. The width of
this module is minimized so that automobile antennas can be designed thin. A lens is also fitted onto the photodiode to increase
the amount of input light. Although the lens makes the photodiode directivity narrow, this problem was solved by separating the
photodiode optical axis from the LED axis to match the light emitting and receiving areas required for VICS.
Features
l Small package
l Lens design optimized for light emitting/receiving timings
l Cylindrical lens with less pickup error during component
mounting
Applications
l Automobile VICS
MODULE
Light emitting/receiving module
Integrated light emitting/receiving elements for automobile VICS
P8212
s
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Value
Unit
Photodiode reverse voltage
VR Max.
20
V
LED reverse voltage
VR Max.
4
V
LED pulse forward current *
IFP
1300
mA
Operating temperature
Topr
-30 to +95
°C
Storage temperature
Tstg
-40 to +115
°C
*1: 64 kHz, duty ratio=50 %, 4 ms ON, average duty ratio=2.5 %
s
Electrical and optical characteristics for photodiode (Ta=25 °C)
parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
l
-
480 to 1100
-
nm
Peak sensitivity wavelength
lp
-
960
-
nm
l=lp
520
620
-
mA/W
Photo sensitivity
S
l=850 nm
460
540
-
mA/W
Short circuit current
ISC
100 lx, 2856 K
27
33
-
mA
Dark current
ID
VR=12 V
-
1
10
nA
Cut-off frequency
fc
VR=12 V, RL=1 kW
l=850 nm, -3dB
-
4
-
MHz
Terminal capacitance
Ct
VR=12 V, f=1 MHz
-
40
-
pF
Direction in long side
-
±55
-
Directivity at half width
-
Direction in short side
-
+35, -18
-
degree
s
Electrical and optical characteristics for LED (Ta=25 °C)
parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission wavelength
lp
IF=100 mA
830
850
900
nm
Spectral half width
Dl
IF=100 mA
-
40
-
nm
Pulse forward voltage
VFP
IFP=900 mA *
5.5
6.3
7.4
V
Reverse current
IR
VR=4 V
-
-
10
mA
Pulse radiant intensity
IepIFP=900 mA *
1400
1800
-
mW/sr
Cut-off frequency
fc
IF=100 mA±10 mAp-p
-
20
-
MHz
Direction in long side
-
±30
-
Directivity at half width
-
Direction in short side
-±13
-
degree
*2: Average peak value in pulse operation at 64 kHz, 50 % duty ratio, 4 ms ON
1


Similar Part No. - P8212_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212 Datasheet
144Kb / 2P
   Light emitting/receiving module
More results

Similar Description - P8212_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212 Datasheet
144Kb / 2P
   Light emitting/receiving module
logo
Sumida Corporation
CDRH10D60B SUMIDA-CDRH10D60B Datasheet
186Kb / 1P
   LED Head light for Automobile
CDRH12D77B SUMIDA-CDRH12D77B Datasheet
172Kb / 1P
   LED Head light for Automobile
CDMC10D50 SUMIDA-CDMC10D50 Datasheet
324Kb / 6P
   LED Head light for Automobile
CDRH70D45B SUMIDA-CDRH70D45B Datasheet
198Kb / 1P
   LED Head light for Automobile
CDMC50D38 SUMIDA-CDMC50D38 Datasheet
201Kb / 4P
   LED Head light for Automobile
CDMC80D50 SUMIDA-CDMC80D50 Datasheet
733Kb / 8P
   LED Head light for Automobile
CDRH60D45B SUMIDA-CDRH60D45B Datasheet
256Kb / 1P
   LED Head light for Automobile
logo
Sharp Corporation
GP1F31T SHARP-GP1F31T Datasheet
128Kb / 8P
   Light Transmitting/Receiving Units
logo
NEC
SE310 NEC-SE310 Datasheet
58Kb / 2P
   LIGHT EMITTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com