Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR496DP Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SIR496DP
Description  N-Channel 20 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR496DP Datasheet(HTML) 2 Page - Vishay Telefunken

  SIR496DP Datasheet HTML 1Page - Vishay Telefunken SIR496DP Datasheet HTML 2Page - Vishay Telefunken SIR496DP Datasheet HTML 3Page - Vishay Telefunken SIR496DP Datasheet HTML 4Page - Vishay Telefunken SIR496DP Datasheet HTML 5Page - Vishay Telefunken SIR496DP Datasheet HTML 6Page - Vishay Telefunken SIR496DP Datasheet HTML 7Page - Vishay Telefunken SIR496DP Datasheet HTML 8Page - Vishay Telefunken SIR496DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 68859
S10-2004-Rev. B, 06-Sep-10
Vishay Siliconix
SiR496DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 µA
20
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
- 4.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.2
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 20 A
0.0033
0.0045
Ω
VGS = 4.5 V, ID = 10 A
0.0046
0.0058
Forward Transconductancea
gfs
VDS = 10 V, ID = 20 A
50
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1570
pF
Output Capacitance
Coss
555
Reverse Transfer Capacitance
Crss
195
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 10 A
28
42
nC
VDS = 10 V, VGS = 4.5 V, ID = 10 A
13.2
20
Gate-Source Charge
Qgs
3.8
Gate-Drain Charge
Qgd
4.0
Gate Resistance
Rg
f = 1 MHz
0.2
0.7
1.4
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1.0 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
21
35
ns
Rise Time
tr
13
26
Turn-Off Delay Time
td(off)
29
55
Fall Time
tf
17
30
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
10
20
Rise Time
tr
816
Turn-Off Delay Time
td(off)
22
40
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
35
A
Pulse Diode Forward Currenta
ISM
70
Body Diode Voltage
VSD
IS = 3 A
0.75
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
22
44
ns
Body Diode Reverse Recovery Charge
Qrr
10
20
nC
Reverse Recovery Fall Time
ta
11
ns
Reverse Recovery Rise Time
tb
11


Similar Part No. - SIR496DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR496DP VISHAY-SIR496DP Datasheet
483Kb / 13P
   N-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SIR496DP-T1-GE3 VISHAY-SIR496DP-T1-GE3 Datasheet
483Kb / 13P
   N-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results

Similar Description - SIR496DP

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com