Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX51-16 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCX51-16
Description  For AF driver and output stages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX51-16 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCX51-16 Datasheet HTML 1Page - Infineon Technologies AG BCX51-16 Datasheet HTML 2Page - Infineon Technologies AG BCX51-16 Datasheet HTML 3Page - Infineon Technologies AG BCX51-16 Datasheet HTML 4Page - Infineon Technologies AG BCX51-16 Datasheet HTML 5Page - Infineon Technologies AG BCX51-16 Datasheet HTML 6Page - Infineon Technologies AG BCX51-16 Datasheet HTML 7Page - Infineon Technologies AG BCX51-16 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2011-07-29
2
BCX51...-BCX53...
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BCX51
BCX52
BCX53
VCEO
45
60
80
V
Collector-base voltage
BCX51
BCX52
BCX53
VCBO
45
60
100
Emitter-base voltage
VEBO
5
Collector current
IC
1
A
Peak collector current, tp ≤ 10 ms
ICM
1.5
Base current
IB
100
mA
Peak base current
IBM
200
Total power dissipation
TS ≤ 120 °C
Ptot
2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 15
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


Similar Part No. - BCX51-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX51-16 PHILIPS-BCX51-16 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Rectron Semiconductor
BCX51-16 RECTRON-BCX51-16 Datasheet
265Kb / 6P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51-16 SIEMENS-BCX51-16 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Rectron Semiconductor
BCX51-16 RECTRON-BCX51-16 Datasheet
335Kb / 6P
   TRANSISTOR (PNP)
logo
Infineon Technologies A...
BCX51-16 INFINEON-BCX51-16 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

Similar Description - BCX51-16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Infineon Technologies A...
BCP56-16E6327 INFINEON-BCP56-16E6327 Datasheet
827Kb / 7P
   For AF driver and output stages
2011-10-13
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
BC847B-E6327 INFINEON-BC847B-E6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com