Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8802DB Datasheet(PDF) 7 Page - Vishay Telefunken

Part # SI8802DB
Description  N-Channel 8 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI8802DB Datasheet(HTML) 7 Page - Vishay Telefunken

  SI8802DB Datasheet HTML 1Page - Vishay Telefunken SI8802DB Datasheet HTML 2Page - Vishay Telefunken SI8802DB Datasheet HTML 3Page - Vishay Telefunken SI8802DB Datasheet HTML 4Page - Vishay Telefunken SI8802DB Datasheet HTML 5Page - Vishay Telefunken SI8802DB Datasheet HTML 6Page - Vishay Telefunken SI8802DB Datasheet HTML 7Page - Vishay Telefunken SI8802DB Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 16-Feb-15
1
Document Number: 69442
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MICRO FOOT®: 4-Bump (0.8 mm x 0.8 mm, 0.4 mm Pitch)
Notes
(1) Laser mark on the backside surface of die
(2) Bumps are 95.5 % Sn,3.8 % Ag,0.7 % Cu
(3) “i” is the location of pin 1
(4) “b1” is the diameter of the solderable substrate surface, defined by an opening in the solder resist layer solder mask defined.
(5) Non-solder mask defined copper landing pad.
Note
a. Use millimeters as the primary measurement.
DIM.
MILLIMETERS a
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.328
0.365
0.402
0.0129
0.0144
0.0158
A1
0.136
0.160
0.184
0.0053
0.0062
0.0072
A2
0.192
0.205
0.218
0.0076
0.0081
0.0086
b
0.200
0.220
0.240
0.0078
0.0086
0.0094
b1
0.175
0.0068
e
0.400
0.0157
S
0.160
0.180
0.200
0.0062
0.0070
0.0078
D
0.720
0.760
0.800
0.0283
0.0299
0.0314
K
0.040
0.070
0.100
0.0015
0.0027
0.0039
XXX
AK
Mark on Backside of die
D
S
e
S
4x Ø b
S
S
G
D
Note 4
Bump Note 2
b
k
e
4-Ø 0.205 to 0.225 Note 5
Solder Mask ~Ø 0.215
b1
ECN: T15-0053-Rev. A, 16-Feb-15
DWG: 6033


Similar Part No. - SI8802DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB Datasheet
140Kb / 8P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 11-Jul-11
SI8802DB-T2-E1 VISHAY-SI8802DB-T2-E1 Datasheet
140Kb / 8P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 11-Jul-11
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI8802DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com