Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-T1004 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE-T1004
Description  50 Ohm 3 Way N Equal Tapper Optimized For Mobile Networks From 376 MHz to 2.2 GHz Rated at 500 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-T1004 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE-T1004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-T1004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-T1004 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
PE-T1004 CAD Drawing
50 Ohm 3 Way N Equal Tapper Optimized For Mobile Networks
From 376 MHz to 2.2 GHz Rated at 500 Watts
PE-T1004 REV 1.0


Similar Part No. - PE-T1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-T1000 PASTERNACK-PE-T1000 Datasheet
267Kb / 3P
   50 Ohm 2 Way N Equal Tapper Optimized For Mobile Networks From 380 MHz to 2.5 GHz Rated at 500 Watts
PE-T1001 PASTERNACK-PE-T1001 Datasheet
270Kb / 3P
   50 Ohm 2 Way 7/16 DIN Equal Tapper Optimized For Mobile Networks From 380 MHz to 2.5 GHz Rated at 700 Watts
PE-T1002 PASTERNACK-PE-T1002 Datasheet
271Kb / 3P
   50 Ohm 2 Way 7/16 DIN Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 700 Watts
PE-T1003 PASTERNACK-PE-T1003 Datasheet
268Kb / 3P
   50 Ohm 2 Way N Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 500 Watts
PE-T1006 PASTERNACK-PE-T1006 Datasheet
275Kb / 3P
   50 Ohm 3 Way 7/16 DIN Equal Tapper Optimized For Mobile Networks From 376 MHz to 2.2 GHz Rated at 500 Watts
More results

Similar Description - PE-T1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-T1009 PASTERNACK-PE-T1009 Datasheet
275Kb / 3P
   50 Ohm 4 Way N Equal Tapper Optimized For Mobile Networks From 376 MHz to 2.2 GHz Rated at 500 Watts
PE-T1006 PASTERNACK-PE-T1006 Datasheet
275Kb / 3P
   50 Ohm 3 Way 7/16 DIN Equal Tapper Optimized For Mobile Networks From 376 MHz to 2.2 GHz Rated at 500 Watts
PE-T1012 PASTERNACK-PE-T1012 Datasheet
160Kb / 3P
   50 Ohm 3 Way N Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 500 Watts
PE-T1010 PASTERNACK-PE-T1010 Datasheet
160Kb / 3P
   50 Ohm 4 Way N Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 500 Watts
PE-T1000 PASTERNACK-PE-T1000 Datasheet
267Kb / 3P
   50 Ohm 2 Way N Equal Tapper Optimized For Mobile Networks From 380 MHz to 2.5 GHz Rated at 500 Watts
PE-T1003 PASTERNACK-PE-T1003 Datasheet
268Kb / 3P
   50 Ohm 2 Way N Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 500 Watts
PE-T1008 PASTERNACK-PE-T1008 Datasheet
161Kb / 3P
   50 Ohm 3 Way 7-16 DIN Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 500 Watts
PE-T1011 PASTERNACK-PE-T1011 Datasheet
271Kb / 3P
   50 Ohm 4 Way 7-16 DIN Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 500 Watts
PE-T1001 PASTERNACK-PE-T1001 Datasheet
270Kb / 3P
   50 Ohm 2 Way 7/16 DIN Equal Tapper Optimized For Mobile Networks From 380 MHz to 2.5 GHz Rated at 700 Watts
PE-T1002 PASTERNACK-PE-T1002 Datasheet
271Kb / 3P
   50 Ohm 2 Way 7/16 DIN Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 700 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com