Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7234DP Datasheet(PDF) 4 Page - Vishay Telefunken

Part No. SI7234DP
Description  Dual N-Channel 12-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7234DP Datasheet(HTML) 4 Page - Vishay Telefunken

  SI7234DP Datasheet HTML 1Page - Vishay Telefunken SI7234DP Datasheet HTML 2Page - Vishay Telefunken SI7234DP Datasheet HTML 3Page - Vishay Telefunken SI7234DP Datasheet HTML 4Page - Vishay Telefunken SI7234DP Datasheet HTML 5Page - Vishay Telefunken SI7234DP Datasheet HTML 6Page - Vishay Telefunken SI7234DP Datasheet HTML 7Page - Vishay Telefunken SI7234DP Datasheet HTML 8Page - Vishay Telefunken SI7234DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 68700
S-81219-Rev. A, 02-Jun-08
Vishay Siliconix
Si7234DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
TJ = 150 °C
10
VSD -Source-to-Drain Voltage (V)
1
100
TJ = 25 °C
0.4
0.6
0.8
1.0
1.2
1.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.002
0.004
0.006
0.008
0.010
0
1
234
5
VGS - Gate-to-Source Voltage (V)
TJ =25 °C
TJ = 125 °C
0
10
20
30
40
50
0.01
1
10
1000
0.1
Time (s)
100
Safe Operating Area, Junction-to-Ambient
0.01
100
1
100
0.01
0.1
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
1ms
10 ms
100 ms
0.1
1
10
10
TA = 25 °C
Single Pulse
Limited byRDS(on)*
1s
DC
10 s
BVDSS
Limited


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn