Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7234DP Datasheet(PDF) 3 Page - Vishay Telefunken

Part No. SI7234DP
Description  Dual N-Channel 12-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7234DP Datasheet(HTML) 3 Page - Vishay Telefunken

  SI7234DP Datasheet HTML 1Page - Vishay Telefunken SI7234DP Datasheet HTML 2Page - Vishay Telefunken SI7234DP Datasheet HTML 3Page - Vishay Telefunken SI7234DP Datasheet HTML 4Page - Vishay Telefunken SI7234DP Datasheet HTML 5Page - Vishay Telefunken SI7234DP Datasheet HTML 6Page - Vishay Telefunken SI7234DP Datasheet HTML 7Page - Vishay Telefunken SI7234DP Datasheet HTML 8Page - Vishay Telefunken SI7234DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 68700
S-81219-Rev. A, 02-Jun-08
www.vishay.com
3
Vishay Siliconix
Si7234DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
20
40
60
80
0.0
0.5
1.0
1.5
2.0
VDS - Drain-to-Source Voltage (V)
VGS =5thru 2.5 V
VGS =2 V
VGS =1.5 V
0.0020
0.0025
0.0030
0.0035
0.0040
0.0045
0.0050
020
40
60
80
ID - Drain Current (A)
VGS =2.5 V
VGS =4.5 V
ID =20A
0
2
4
6
8
10
020
40
60
80
Qg - Total Gate Charge (nC)
VDS =9.6 V
VDS =6 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC =- 55 °C
Crss
0
1200
2400
3600
4800
6000
0246
8
10
12
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
ID =20A
VGS =2.5 V
VGS =4.5 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn