Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJU6475B Datasheet(PDF) 3 Page - New Japan Radio

Part No. NJU6475B
Description  12-Character 4-Line Dot Matrix Low Power LCD Controller Driver with key Scan Function
Download  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJU6475B Datasheet(HTML) 3 Page - New Japan Radio

  NJU6475B Datasheet HTML 1Page - New Japan Radio NJU6475B Datasheet HTML 2Page - New Japan Radio NJU6475B Datasheet HTML 3Page - New Japan Radio NJU6475B Datasheet HTML 4Page - New Japan Radio NJU6475B Datasheet HTML 5Page - New Japan Radio NJU6475B Datasheet HTML 6Page - New Japan Radio NJU6475B Datasheet HTML 7Page - New Japan Radio NJU6475B Datasheet HTML 8Page - New Japan Radio NJU6475B Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
NJU6475B
PAD COORDINATES
Chip Size
11.22×2.5mm (Chip Center X=0um,Y=0um)
PAD Name
PAD Name
X=(um)
Y=(um)
X=(um)
Y=(um)
PAD No.
PAD No.
Mode A
Mode B
Mode A
Mode B
1
ALI-A1
ALI-A1
-6240
-1090
51
NC
NC
5817
1090
2
OSC
OSC
-6020
-1090
52
NC
NC
5617
1090
11
3
OSC
OSC
-5775
-1090
53
NC
NC
5417
1090
22
4
V
V
-5479
-1090
54
NC
NC
5217
1090
55
5
V
V
-4979
-1090
55
NC
NC
5017
1090
SS
SS
6
V
V
-4479
-1090
56
NC
NC
4817
1090
5OUT
5OUT
7
C2
C2
-3979
-1090
57
NC
NC
4617
1090
--
8
C2
C2
-3479
-1090
58
NC
NC
4417
1090
++
9
C1
C1
-2979
-1090
59
NC
NC
4217
1090
--
10
C1
C1
-2479
-1090
60
NC
NC
4017
1090
++
11
V
V
-1979
-1090
61
NC
NC
3817
1090
DD
DD
12
VR
VR
-1479
-1090
62
NC
NC
3617
1090
13
V
V
- 979
-1090
63
NC
NC
3417
1090
REG
REG
14
TEST
TEST
- 531
-1090
64
SEGS
SEGS
3160
1090
11
15
SEL
SEL
- 302
-1090
65
COM
COM
2780
1090
99
16
- 74
-1090
66
COM
COM
2700
1090
RESET
RESET
10
10
17
P/S
P/S
155
-1090
67
COM
COM
2620
1090
11
11
18
RS
RS
383
-1090
68
COM
COM
2540
1090
12
12
19
R/W
R/W
612
-1090
69
COM
COM
2460
1090
13
13
20
E/SCL
E/SCL
840
-1090
70
COM
COM
2380
1090
14
14
21
1069
-1090
71
COM
COM
2300
1090
LCD/KEY
LCD/KEY
15
15
22
REQ
REQ
1298
-1090
72
COM
COM
2220
1090
16
16
23
DB /CS
DB /CS
1536
-1090
73
COM
COM
2140
1090
77
25
25
24
1773
-1090
74
COM
COM
2060
1090
DB /SIO
DB /SIO
66
26
26
25
DB
DB
2010
-1090
75
COM
COM
1980
1090
55
27
27
26
DB
DB
2247
-1090
76
COM
COM
1900
1090
44
28
28
27
DB
DB
2484
-1090
77
COM
COM
1820
1090
33
29
29
28
DB
DB
2721
-1090
78
COM
COM
1740
1090
22
30
30
29
DB
DB
2958
-1090
79
COM
COM
1660
1090
11
31
31
30
DB
DB
3195
-1090
80
COM
COM
1580
1090
00
32
32
31
K
K
3466
-1090
81
SEGM
SEGM
1500
1090
00
12
32
K
K
3632
-1090
82
SEG
SEG
1420
1090
11
160
33
K
K
3903
-1090
83
SEG
SEG
1340
1090
22
259
34
K
K
4068
-1090
84
SEG
SEG
1260
1090
33
358
35
S
S
4244
-1090
85
SEG
SEG
1180
1090
00
457
36
S
S
4352
-1090
86
SEG
SEG
1100
1090
11
556
37
S
S
4460
-1090
87
SEG
SEG
1020
1090
22
655
38
S
S
4568
-1090
88
SEG
SEG
940
1090
33
754
39
S
S
4676
-1090
89
SEG
SEG
860
1090
44
853
40
S
S
4784
-1090
90
SEG
SEG
780
1090
55
952
41
S
S
4892
-1090
91
SEG
SEG
700
1090
66
10
51
42
S
S
5000
-1090
92
SEG
SEG
620
1090
77
11
50
43
NC
NC
5217
-1090
93
SEG
SEG
540
1090
12
49
44
NC
NC
5417
-1090
94
SEG
SEG
460
1090
13
48
45
NC
NC
5617
-1090
95
SEG
SEG
380
1090
14
47
46
NC
NC
5817
-1090
96
SEG
SEG
300
1090
15
46
47
NC
NC
6017
-1090
97
SEG
SEG
220
1090
16
45
48
ALI-A2
ALI-A2
6217
-1090
98
SEG
SEG
140
1090
17
44
49
ALI-B2
ALI-B2
6217
1090
99
SEG
SEG
60
1090
18
43
50
NC
NC
6017
1090
100
SEG
SEG
-
20
1090
19
42


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn