Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD02016 Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # SMD02016
Description  High reliability for low cost
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD02016 Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  SMD02016_15 Datasheet HTML 1Page - PETERMANN-TECHNIK SMD02016_15 Datasheet HTML 2Page - PETERMANN-TECHNIK SMD02016_15 Datasheet HTML 3Page - PETERMANN-TECHNIK SMD02016_15 Datasheet HTML 4Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 OF 4
I SPEC 01 I REV.00 I MARCH 2015
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
DIMENSIONS
REFLOW SOLDER PROFILE
RESONANCE RESISTANCE
FREQUENCY IN MHz
VIBRATION MODE
ESR MAX. IN Ω
24.0 ~ 36.0 MHz
AT Fund.
100
36.0 ~ 60.0 MHz
AT Fund.
60


Similar Part No. - SMD02016_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016-4 PETERMANN-SMD02016-4 Datasheet
75Kb / 2P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02016-4 PETERMANN-SMD02016-4_14 Datasheet
821Kb / 3P
   SMD QUARTZ CRYSTAL SERIES SMD02016
More results

Similar Description - SMD02016_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com