Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD1045-4 Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

Part # SMD1045-4
Description  All ceramic epoxy sealed SMD package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD1045-4 Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  SMD1045-4_15 Datasheet HTML 1Page - PETERMANN-TECHNIK SMD1045-4_15 Datasheet HTML 2Page - PETERMANN-TECHNIK SMD1045-4_15 Datasheet HTML 3Page - PETERMANN-TECHNIK SMD1045-4_15 Datasheet HTML 4Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3 OF 4
I SPEC 01 I REV.00 I MAY 2015
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
ORDERING INFORMATION
EXAMPLE: SMD1045/4 10.000 MHz 30/50/-40+85/20pF
PLEASE INDICATE YOUR REQUIRED PARAMETERS
SMD1045/4 10.000 MHz 30/50/-40+85/20pF
SERIES
SMD1045/4
FREQUENCY
3.2768 ~ 10.0 MHz
AT-Fundamental
FREQUENCY
TOLERANCE
AT 25°C
±20 PPM ~ ±50 PPM
LOAD
CAPACITANCE
10 pF ~ 30 pF or Series,
18 pF standard
TEMPERATURE
RANGE
0°/+50°C
-10°/+60°C
-20°/+70°C
-40°/+85°C
TEMPERATURE
STABILITY
See Table
„FREQUENCY
STABILITY VS.
TEMPERATURE“


Similar Part No. - SMD1045-4_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD1045-4 PETERMANN-SMD1045-4 Datasheet
714Kb / 2P
   SMD QUARTZ CRYSTAL SERIES SMD1045
More results

Similar Description - SMD1045-4_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD0603-2 PETERMANN-SMD0603-2_15 Datasheet
673Kb / 4P
   All ceramic epoxy sealed SMD package
SMD1045-2 PETERMANN-SMD1045-2_15 Datasheet
537Kb / 4P
   All ceramic epoxy sealed SMD package
logo
OSRAM GmbH
SFH-4735 OSRAM-SFH-4735 Datasheet
629Kb / 13P
   SMD epoxy package
KY-DMLN31.23 OSRAM-KY-DMLN31.23 Datasheet
666Kb / 22P
   SMD epoxy package
KY-DMLN31.FY OSRAM-KY-DMLN31.FY Datasheet
704Kb / 23P
   SMD epoxy package
LYH9PP-HZKX-46-1 OSRAM-LYH9PP-HZKX-46-1 Datasheet
750Kb / 22P
   SMD epoxy package
LAM67F-V1AB-24 OSRAM-LAM67F-V1AB-24 Datasheet
536Kb / 21P
   SMD epoxy package
LUWH9QP-5M8M-HNJN-1 OSRAM-LUWH9QP-5M8M-HNJN-1 Datasheet
969Kb / 24P
   SMD epoxy package
LUWH9QP OSRAM-LUWH9QP Datasheet
955Kb / 24P
   SMD epoxy package
KR-DMLN31.23 OSRAM-KR-DMLN31.23 Datasheet
676Kb / 22P
   SMD epoxy package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com