Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPO-5 Datasheet(PDF) 4 Page - PETERMANN-TECHNIK

Part # DLPO-5
Description  Differential Oscillator for Low Cost
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

DLPO-5 Datasheet(HTML) 4 Page - PETERMANN-TECHNIK

  DLPO-5_15 Datasheet HTML 1Page - PETERMANN-TECHNIK DLPO-5_15 Datasheet HTML 2Page - PETERMANN-TECHNIK DLPO-5_15 Datasheet HTML 3Page - PETERMANN-TECHNIK DLPO-5_15 Datasheet HTML 4Page - PETERMANN-TECHNIK DLPO-5_15 Datasheet HTML 5Page - PETERMANN-TECHNIK DLPO-5_15 Datasheet HTML 6Page - PETERMANN-TECHNIK DLPO-5_15 Datasheet HTML 7Page - PETERMANN-TECHNIK DLPO-5_15 Datasheet HTML 8Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PAGE 4 OF 8
I SPEC 01 I REV.00 I NOVEMBER 2014
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
TERMINATION DIAGRAMS
LVPECL:
OUT-
OUT+
LVPECL Driver
OUT-
OUT+
D-
Z0 = 50 Ω
D+
Z0 = 50 Ω
VDD
50 Ω
50 Ω
VTT = VDD - 2.0V
LVPECL Driver
Receiver Device
OUT-
OUT+
D-
Z0 = 50 Ω
D+
Z0 = 50 Ω
VDD
VTT
R1
VDD= 3.3V => R1 = 100 to 150 Ω
VDD= 2.5V => R1 = 75 Ω
LVPECL Driver
Receiver Device
R1
50 Ω
50 Ω
100nF
100nF
D-
Z0 = 50 Ω
D+
Z0 = 50 Ω
VDD
R4
Receiver Device
R3
VDD
R2
R1
FIGURE 5. LVPECL WITH THEVENIN TYPICAL TERMINATION
FIGURE 4. LVPECL AC COUPLED TERMINATION
FIGURE 3. LVPECL TYPICAL TERMINATION
VDD = 3.3V => R1 = R3 = 133 Ω and
R2 = R4 = 82 Ω
VDD = 2.5V => R1 = R3 = 250 Ω and
R2 = R4 = 62.5 Ω


Similar Part No. - DLPO-5_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
DLPO-1 PETERMANN-DLPO-1_15 Datasheet
763Kb / 13P
   Differential Oscillator for Low Cost
DLPO-2 PETERMANN-DLPO-2_15 Datasheet
656Kb / 13P
   Differential Oscillator for Low Cost
DLPO-3 PETERMANN-DLPO-3_15 Datasheet
670Kb / 8P
   Differential Oscillator for Low Cost
DLPO-4 PETERMANN-DLPO-4_15 Datasheet
694Kb / 8P
   Differential Oscillator for Low Cost
More results

Similar Description - DLPO-5_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
DLPO-3 PETERMANN-DLPO-3_15 Datasheet
670Kb / 8P
   Differential Oscillator for Low Cost
DLPO-2 PETERMANN-DLPO-2_15 Datasheet
656Kb / 13P
   Differential Oscillator for Low Cost
DLPO-1 PETERMANN-DLPO-1_15 Datasheet
763Kb / 13P
   Differential Oscillator for Low Cost
DLPO-4 PETERMANN-DLPO-4_15 Datasheet
694Kb / 8P
   Differential Oscillator for Low Cost
TCVCTO-1 PETERMANN-TCVCTO-1_15 Datasheet
958Kb / 8P
   Ultra Performance Oscillator for Low Cost
ULPPO PETERMANN-ULPPO_15 Datasheet
1Mb / 10P
   Low Power High Precision Oscillator for Low Cost
HTLPO PETERMANN-HTLPO_15 Datasheet
782Kb / 10P
   High Temperature Low Power Oscillator for Low Cost
logo
STMicroelectronics
AN2441 STMICROELECTRONICS-AN2441 Datasheet
242Kb / 14P
   Low cost effective oscillator for STR71x MCUs
logo
Analog Devices
AD8141 AD-AD8141 Datasheet
477Kb / 24P
   Low Cost, Triple Differential Drivers
REV. 0
AD8141 AD-AD8141_17 Datasheet
623Kb / 24P
   Low Cost, Triple Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com