Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPO-3 Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # DLPO-3
Description  Differential Oscillator for Low Cost
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

DLPO-3 Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  DLPO-3_15 Datasheet HTML 1Page - PETERMANN-TECHNIK DLPO-3_15 Datasheet HTML 2Page - PETERMANN-TECHNIK DLPO-3_15 Datasheet HTML 3Page - PETERMANN-TECHNIK DLPO-3_15 Datasheet HTML 4Page - PETERMANN-TECHNIK DLPO-3_15 Datasheet HTML 5Page - PETERMANN-TECHNIK DLPO-3_15 Datasheet HTML 6Page - PETERMANN-TECHNIK DLPO-3_15 Datasheet HTML 7Page - PETERMANN-TECHNIK DLPO-3_15 Datasheet HTML 8Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PAGE 2 OF 8
I SPEC 01 I REV.00 I NOVEMBER 2014
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
PARAMETER AND CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
LVPECL, DC AND AC CHARACTERISTICS
Current Consumption
IDD
61
69
mA
Excluding Load Termination Current, VDD = 3.3V or 2.5V
OE Disable Supply Current
I_OE
35
mA
OE = Low
Output Disable Leakage Current
I_leak
1
µA
OE = Low
Standby Current
I_std
100
µA
ST = Low, for all VDDs
Maximum Output Current
I_driver
30
mA
Maximum average current drawn from OUT+ or OUT-
Output High Voltage
VOH
VDD-1.1
VDD-0.7
V
See Figure 1(a)
Output Low Voltage
VOL
VDD-1.9
VDD-1.5
V
See Figure 1(a)
Output Differential Voltage Swing
V_Swing
1.2
1.6
2.0
V
See Figure 1(b)
Rise/Fall Time
Tr, Tf
300
700
ps
20% to 80%, see Figure 1(a)
OE Enable/Disable Time
T_oe
115
ns
f = 212.5 MHz - For other frequencies,
T_oe = 100ns + 3 period
RMS Period Jitter
T_jitt
1.2
1.7
ps
f = 100 MHz, VDD = 3.3V or 2.5V
1.2
1.7
ps
f = 156.25 MHz, VDD = 3.3V or 2.5V
1.2
1.7
ps
f = 212.5 MHz, VDD = 3.3V or 2.5V
RMS Phase Jitter (random)
T_phj
0.6
0.85
ps
f = 156.25 MHz, Integration bandwidth = 12 kHz to 20 MHz,
all VDDs
LVDS, DC AND AC CHARACTERISTICS
Current Consumption
IDD
47
55
mA
Excluding Load Termination Current, VDD = 3.3V or 2.5V
OE Disable Supply Current
I_OE
35
mA
OE = Low
Differential Output Voltage
VOD
250
350
450
mV
See Figure 2
Output Disable Leakage Current
I_leak
1
µA
OE = Low
Standby Current
I_std
100
µA
ST = Low, for all VDDs
VOD Magnitude Change
VOD
50
mV
See Figure 2
Offset Voltage
VOS
1.125
1.2
1.375
V
See Figure 2
VOS Magnitude Change
VOS
50
mV
See Figure 2
Rise/Fall Time
Tr, Tf
495
700
ps
20% to 80%, see Figure 2
OE Enable/Disable Time
T_oe
115
ns
f = 212.5 MHz - For other frequencies,
T_oe = 100ns + 3 period
RMS Period Jitter
T_jitt
1.2
1.7
ps
f = 100 MHz, VDD = 3.3V or 2.5V
1.2
1.7
ps
f = 156.25 MHz, VDD = 3.3V or 2.5V
1.2
1.7
ps
f = 212.5 MHz, VDD = 3.3V or 2.5V
RMS Phase Jitter (random)
T_phj
0.6
0.85
ps
f = 156.25 MHz, Integration bandwidth = 12 kHz to 20 MHz,
all VDDs
EXCELLENT RELIABILITY DATA
MTBF
500 million hours
Shock Resistance:
10.000 g
Vibration Resistance:
70 g
GENERAL DATA (continued)


Similar Part No. - DLPO-3_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
DLPO-1 PETERMANN-DLPO-1_15 Datasheet
763Kb / 13P
   Differential Oscillator for Low Cost
DLPO-2 PETERMANN-DLPO-2_15 Datasheet
656Kb / 13P
   Differential Oscillator for Low Cost
DLPO-4 PETERMANN-DLPO-4_15 Datasheet
694Kb / 8P
   Differential Oscillator for Low Cost
DLPO-5 PETERMANN-DLPO-5_15 Datasheet
691Kb / 8P
   Differential Oscillator for Low Cost
More results

Similar Description - DLPO-3_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
DLPO-2 PETERMANN-DLPO-2_15 Datasheet
656Kb / 13P
   Differential Oscillator for Low Cost
DLPO-1 PETERMANN-DLPO-1_15 Datasheet
763Kb / 13P
   Differential Oscillator for Low Cost
DLPO-5 PETERMANN-DLPO-5_15 Datasheet
691Kb / 8P
   Differential Oscillator for Low Cost
DLPO-4 PETERMANN-DLPO-4_15 Datasheet
694Kb / 8P
   Differential Oscillator for Low Cost
TCVCTO-1 PETERMANN-TCVCTO-1_15 Datasheet
958Kb / 8P
   Ultra Performance Oscillator for Low Cost
ULPPO PETERMANN-ULPPO_15 Datasheet
1Mb / 10P
   Low Power High Precision Oscillator for Low Cost
HTLPO PETERMANN-HTLPO_15 Datasheet
782Kb / 10P
   High Temperature Low Power Oscillator for Low Cost
logo
STMicroelectronics
AN2441 STMICROELECTRONICS-AN2441 Datasheet
242Kb / 14P
   Low cost effective oscillator for STR71x MCUs
logo
Analog Devices
AD8141 AD-AD8141 Datasheet
477Kb / 24P
   Low Cost, Triple Differential Drivers
REV. 0
AD8141 AD-AD8141_17 Datasheet
623Kb / 24P
   Low Cost, Triple Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com