Electronic Components Datasheet Search |
|
DLPO-2 Datasheet(PDF) 6 Page - PETERMANN-TECHNIK |
|
DLPO-2 Datasheet(HTML) 6 Page - PETERMANN-TECHNIK |
6 / 13 page PAGE 6 OF 13 I SPEC 01 I REV.00 I NOVEMBER 2014 CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS PETERMANN-TECHNIK GmbH Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech Tel: +49/8191/305395 ∙ Fax: +49/8191/305397 info@petermann-technik.com ∙ www.petermann-technik.com CML Output, 3.3V ±10%, -40 to 85°C PARAMETER SYMBOL MIN. TYP. MAX. UNIT CONDITION Output Frequency Fout 220 – 800 MHz Frequency Stability Fstab -10 – +10 PPM Inclusive of initial stability, operating temp., rated power supply voltage change, load change 0 to 70°C -15 – +15 PPM -20 to 70°C -40 to 85°C -20 – +20 PPM -25 +25 PPM -50 +50 PPM Aging Fage – – 1 PPM First year @ 25°C Duty Cycle DC 45 – 55 % Fout= 220 - 460 MHz, 490 - 610 MHz or 750 - 800 MHz 35 – 65 % Fout= 460.1 - 489.9 MHz or 610.1- 749.9 MHz Output Rise/Fall Time tR/tF 270 350 470 ps 20% to 80% RMS Phase Jitter (random) PHJ – 0.47 0.53 ps Fout= 212.5MHz @ BW: 1.875M Hz to10 MHz – 0.32 0.42 ps Fout= 312.5 MHz @ BW: 1.875M Hz to10 MHz – 0.26 0.34 ps Fout= 600 MHz @ BW: 1.875M Hz to10 MHz RMS Period Jitter PJ – 1.7 2.1 ps Fout= 212.5 MHz – 1.7 2.1 ps Fout= 312.5 MHz – 1.7 2.2 ps Fout= 600 MHz – 1.4 1.8 ps Fout= 800 MHz CML, 2.5V ± 10%, -40 to 85°C Parameter Symbol Min. Typ. Max. Unit Condition Output Frequency Fout 220 – 800 MHz Frequency Stability Fstab -10 – +10 PPM Inclusive of initial stability, operating temp., rated power supply voltage change, load change 0 to 70°C -15 – +15 PPM -20 to 70°C -40 to 85°C -20 – +20 PPM -25 +25 PPM -50 +50 PPM Aging Fage – – 1 PPM First year @ 25°C Duty Cycle DC 45 – 55 % Fout= 220 - 460 MHz, 490 - 610 MHz or 750 - 800 MHz 35 – 65 % Fout= 460.1 - 489.9 MHz or 610.1- 749.9 MHz Output Rise/Fall Time tR/tF 270 350 470 ps 20% to 80% RMS Phase Jitter (random) PHJ – 0.47 0.53 ps Fout= 212.5MHz @ BW: 1.875MHz to10 MHz – 0.32 0.38 ps Fout= 312.5 MHz @ BW: 1.875MHz to10 MHz – 0.26 0.34 ps Fout= 600 MHz @ BW: 1.875MHz to10 MHz RMS Period Jitter PJ – 1.7 2.1 ps Fout= 212.5 MHz – 1.7 2.1 ps Fout= 312.5 MHz – 1.7 2.2 ps Fout= 600 MHz – 1.4 1.8 ps Fout= 800 MHz AC ELECTRICAL SPECIFICATIONS |
Similar Part No. - DLPO-2_15 |
|
Similar Description - DLPO-2_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |