Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CES301G95DCB000 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CES301G95DCB000
Description  center frequency tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CES301G95DCB000 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CES301G95DCB000 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CES301G95DCB000 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
CES301G95DCB000
Specifications
Length_Width (size)
3.2x3.2mm
Thickness
1.6mm
Center Frequency
1950.0MHz
Center Frequency Tolerance
60.0MHz to
Operating Temperature Range
-
35.0
to
85.0
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/12


Similar Part No. - CES301G95DCB000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CES301G95ECB000 MURATA-CES301G95ECB000 Datasheet
173Kb / 2P
   center frequency tolerance
More results

Similar Description - CES301G95DCB000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CEG231G73DCB100 MURATA-CEG231G73DCB100 Datasheet
176Kb / 2P
   center frequency tolerance
CEG232G53DCB100 MURATA-CEG232G53DCB100 Datasheet
165Kb / 2P
   center frequency tolerance
CES40942MDCB000 MURATA-CES40942MDCB000 Datasheet
170Kb / 2P
   center frequency tolerance
CEG231G76CCB100 MURATA-CEG231G76CCB100 Datasheet
166Kb / 2P
   center frequency tolerance
CEG23832MDCB000 MURATA-CEG23832MDCB000 Datasheet
165Kb / 2P
   center frequency tolerance
CES202G59CCB000 MURATA-CES202G59CCB000 Datasheet
167Kb / 2P
   center frequency tolerance
CES301G84DCB000 MURATA-CES301G84DCB000 Datasheet
174Kb / 2P
   center frequency tolerance
CES301G95ECB000 MURATA-CES301G95ECB000 Datasheet
173Kb / 2P
   center frequency tolerance
CES40881MDCB000 MURATA-CES40881MDCB000 Datasheet
169Kb / 2P
   center frequency tolerance
CEG23707MCCB000 MURATA-CEG23707MCCB000 Datasheet
165Kb / 2P
   center frequency tolerance
CEG23874MFCB000 MURATA-CEG23874MFCB000 Datasheet
166Kb / 2P
   center frequency tolerance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com