Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6241 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6241
Description  1 Watt RF Load Up To 6 GHz With Reverse Polarity SMA Male Input
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6241 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6241 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6241 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6241 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
1 Watt RF Load Up To 6 GHz With Reverse Polarity SMA Male Input from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watt RF Load Up To 6 GHz With Reverse Polarity SMA Male Input PE6241
URL: http://www.pasternack.com/1-watts-reverse-polarity-sma-male-rf-load-up-to-6-ghz-pe6241-p.aspx
PE6241
PE6241 REV 1.1
1 Watt RF Load Up To 6 GHz With
Reverse Polarity SMA Male Input


Similar Part No. - PE6241

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6241 PASTERNACK-PE6241 Datasheet
422Kb / 4P
   1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
PE6241 PASTERNACK-PE6241_16 Datasheet
422Kb / 4P
   1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
More results

Similar Description - PE6241

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6241 PASTERNACK-PE6241_16 Datasheet
422Kb / 4P
   1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
PE6211 PASTERNACK-PE6211_15 Datasheet
376Kb / 2P
   50 Watt RF Load Up To 18 GHz With SMA Male Input
PE6TR1001 PASTERNACK-PE6TR1001 Datasheet
344Kb / 3P
   50 Watt RF Load Up To 6 GHz With SMA Female Input
PE6071 PASTERNACK-PE6071_16 Datasheet
423Kb / 3P
   1 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6077 PASTERNACK-PE6077_16 Datasheet
425Kb / 4P
   1 Watt RF Load Up to 26.5 GHz With SMA Male Input Passivated Stainless Steel
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
   1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6151 PASTERNACK-PE6151_16 Datasheet
418Kb / 3P
   1 Watt RF Load Up to 8 GHz With SMA Male Input Gold Plated Brass
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
   1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
PE6186 PASTERNACK-PE6186_16 Datasheet
436Kb / 4P
   5 Watt RF Load Up to 6 GHz With N Male Input Aluminum
PE6TR1002 PASTERNACK-PE6TR1002 Datasheet
345Kb / 3P
   High Power 100 Watt RF Load Up To 6 GHz With SMA Female Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com