Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5410 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS5410
Description  TPS5410 1-A, Wide Input Range, Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5410 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS5410_15 Datasheet HTML 6Page - Texas Instruments TPS5410_15 Datasheet HTML 7Page - Texas Instruments TPS5410_15 Datasheet HTML 8Page - Texas Instruments TPS5410_15 Datasheet HTML 9Page - Texas Instruments TPS5410_15 Datasheet HTML 10Page - Texas Instruments TPS5410_15 Datasheet HTML 11Page - Texas Instruments TPS5410_15 Datasheet HTML 12Page - Texas Instruments TPS5410_15 Datasheet HTML 13Page - Texas Instruments TPS5410_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TPS5410
SLVS675D – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
Feature Description (continued)
7.3.9 Pulse-Width-Modulation (PWM) Control
The regulator employs a fixed frequency pulse-width-modulator (PWM) control method. First, the feedback
voltage (VSENSE pin voltage) is compared to the constant voltage reference by the high gain error amplifier and
compensation network to produce a error voltage. Then, the error voltage is compared to the ramp voltage by the
PWM comparator. In this way, the error voltage magnitude is converted to a pulse width which is the duty cycle.
Finally, the PWM output is fed into the gate drive circuit to control the on-time of the high-side MOSFET.
7.3.10 Overcurrent Liming
Overcurrent limiting is implemented by sensing the drain-to-source voltage across the high-side MOSFET. The
drain to source voltage is then compared to a voltage level representing the overcurrent threshold limit. If the
drain-to-source voltage exceeds the overcurrent threshold limit, the overcurrent indicator is set true. The system
will ignore the overcurrent indicator for the leading edge blanking time at the beginning of each cycle to avoid any
turn-on noise glitches.
Once overcurrent indicator is set true, overcurrent limiting is triggered. The high-side MOSFET is turned off for
the rest of the cycle after a propagation delay. The overcurrent limiting scheme is called cycle-by-cycle current
limiting.
Sometimes under serious overload conditions such as short-circuit, the overcurrent runaway may still happen
when using cycle-by-cycle current limiting. A second mode of current limiting is used, for example hiccup mode
overcurrent limiting. During hiccup mode overcurrent limiting, the voltage reference is grounded and the high-side
MOSFET is turned off for the hiccup time. Once the hiccup time duration is complete, the regulator restarts under
control of the slow-start circuit.
7.3.11 Overvoltage Protection
The TPS5410 has an overvoltage protection (OVP) circuit to minimize voltage overshoot when recovering from
output fault conditions. The OVP circuit includes an overvoltage comparator to compare the VSENSE pin voltage
and a threshold of 112.5% x VREF. Once the VSENSE pin voltage is higher than the threshold, the high-side
MOSFET will be forced off. When the VSENSE pin voltage drops lower than the threshold, the high-side
MOSFET will be enabled again.
7.3.12 Thermal Shutdown
The TPS5410 protects itself from overheating with an internal thermal shutdown circuit. If the junction
temperature exceeds the thermal shutdown trip point, the voltage reference is grounded and the high-side
MOSFET is turned off. The part is restarted under control of the slow-start circuit automatically when the junction
temperature drops 14°C below the thermal shutdown trip point.
7.4 Device Functional Modes
7.4.1 Minimum Input Voltage
Confid The TPS5410 is recommended to operate with input voltages above 5.5 V. The typical VIN UVLO
threshold is 5.3 V and the device may operate at input voltages down to the UVLO voltage. At input voltages
below the actual UVLO voltage the device will not switch. If ENA is floating or externally pulled up to greater up
than 1.3 V, when V(VIN) passes the UVLO threshold the TPS5410 will become active. Switching is enabled and
the slow-start sequence is initiated. The TPS5410 starts linearly ramping up the internal reference voltage from 0
V to its final value over the internal slow-start time period.
7.4.2 ENA Control
T The enable start threshold voltage is 1.3 V max. With ENA held below the 0.5 V minimum stop threshold
voltage the TPS5410 is disabled and switching is inhibited even if VIN is above its UVLO threshold. The
quiescent current is reduced in this state. If the ENA voltage is increased above the max start threshold while
V(VIN) is above the UVLO threshold, the device becomes active. Switching is enabled and the slow-start
sequence is initiated. The TPS5410 starts linearly ramping up the internal reference voltage from 0 V to its final
value over the internal slow-start time period.
10
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TPS5410


Similar Part No. - TPS5410_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
More results

Similar Description - TPS5410_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
910Kb / 25P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com