Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD41 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RD41
Description  fixed carbon film melf resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RD41 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RD41 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RD41 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
76
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/04/14
RD41
fixed carbon film melf resistor
Absolute
Maximum
Overload
Voltage
Absolute
Maximum
Working
Voltage
Resistance
Tolerance
Resistance
Range
E-24*
Part
Designation
Rated
Ambient
Temperature
Power
Rating
@70°C
applications and ratings
RD412A
RD412ES
RD412D
RD412E
0.125W
0.25W
0.2W
0.25W
2.2Ω - 1.0MΩ
1.0Ω - 1.0MΩ
1.0Ω - 2.2MΩ
2.2Ω - 1.0MΩ
200V
150V
400V
400V
600V
+70°C
Operating
Temperature
Range
-55°C to +155°C
G: ±2%
J: ±5%
200V
200V
300V
* See Appendix D for available decade values.
DeratingCurve
environmental applications
100
80
60
40
20
20
40
60
80
100120140160
155
70
Ambient Temperature
(°C)
0
0
PerformanceCharacteristics
Parameter
Requirement∆R±(%+0.05Ω)
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/-55°C, +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±1.0%
±0.5%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1.0%
±0.5%
Intermittent Overload
Rated voltage x 4 (2Ax3) or Max. intermittent overload voltage,
whichever is lower, 10,000 cycles. 2A: 300V, 2B: 400V, 2D: 500V, 2E: 600V
±1.0%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±1.0%
±0.75%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±2.5%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2.0%
±1.0%
Low Temperature Exposure
-55°C, 1 hour
±1.0%
±0.75%
High Temperature Exposure
+125°C, 100 hours
±2.0%
±1.0%
For resistors operated at an ambient temperature of 70°C
or above, a power rating shall be derated in accordance
with the derating curve.


Similar Part No. - RD41

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
   fixed carbon film melf resistor
RD412ATTE103G KOA-RD412ATTE103G Datasheet
95Kb / 2P
   fixed carbon film melf resistor
RD412ATTE103J KOA-RD412ATTE103J Datasheet
95Kb / 2P
   fixed carbon film melf resistor
RD412BTTE103G KOA-RD412BTTE103G Datasheet
95Kb / 2P
   fixed carbon film melf resistor
RD412BTTE103J KOA-RD412BTTE103J Datasheet
95Kb / 2P
   fixed carbon film melf resistor
More results

Similar Description - RD41

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
   fixed carbon film melf resistor
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
   Carbon Film MELF Resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
   Carbon Film MELF Resistor
logo
Token Electronics Indus...
RDM74P1RGT TOKEN-RDM74P1RGT Datasheet
291Kb / 3P
   RDM Carbon Film Melf Resistors
logo
List of Unclassifed Man...
0207 ETC2-0207 Datasheet
627Kb / 1P
   Carbon Film Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
   Carbon Film Resistor
3/3/2022
logo
KOA Speer Electronics, ...
CPCN2N KOA-CPCN2N Datasheet
88Kb / 2P
   fixed ceramic melf resistor
CPCN KOA-CPCN Datasheet
352Kb / 2P
   fixed ceramic melf resistor
logo
UNIOHM CORPORATION
MM-16 UNIOHM-MM-16 Datasheet
895Kb / 3P
   Metal Film MELF Resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
   Metal Film Melf Resistor
8/10/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com