Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS544B20 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS544B20
Description  TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS544B20 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS544B20_15 Datasheet HTML 7Page - Texas Instruments TPS544B20_15 Datasheet HTML 8Page - Texas Instruments TPS544B20_15 Datasheet HTML 9Page - Texas Instruments TPS544B20_15 Datasheet HTML 10Page - Texas Instruments TPS544B20_15 Datasheet HTML 11Page - Texas Instruments TPS544B20_15 Datasheet HTML 12Page - Texas Instruments TPS544B20_15 Datasheet HTML 13Page - Texas Instruments TPS544B20_15 Datasheet HTML 14Page - Texas Instruments TPS544B20_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
6.480
6.485
6.490
6.495
6.500
6.505
6.510
6.515
6.520
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
C005
3.220
3.225
3.230
3.235
3.240
3.245
3.250
3.255
3.260
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
C006
595
596
597
598
599
600
601
602
603
604
605
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
C009
5.0
5.5
6.0
6.5
7.0
7.5
8.0
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
Vdd = 4.5 V
Vdd = 12 V
Vdd = 18 V
C001
V
VDD = 4.5 V
V
VDD = 12 V
V
VDD = 18 V
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
6.25
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
C008
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
C007
TPS544B20, TPS544C20
www.ti.com
SLUSB69 – MAY 2014
7.7 Typical Characteristics
VIN = VDD = 12 V, TA = 25 ºC, RRT = 38.3 kΩ (unless otherwise specified). Safe operating area curves were measured using a
Texas Instruments Evaluation Module.
Figure 1. Low-Side MOSFET On-Resistance (RDS(on)) vs.
Figure 2. High-Side MOSFET On-Resistance (RDS(on)) vs.
Junction Temperature
Junction Temperature
Figure 4. Non-Switching Input Current (IVDD) vs. Junction
Figure 3. Feedback Voltage vs. Junction Temperature
Temperature
IBP6 = 25 mA
IBP3 = 5 mA
Figure 5. BP6 Voltage vs. Junction Temperature
Figure 6. BP3 Voltage vs. Junction Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS544B20_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20_16 Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Similar Description - TPS544B20_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com