Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC74101-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPIC74101-Q1
Description  TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC74101-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC74101-Q1_15 Datasheet HTML 5Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 6Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 7Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 8Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 9Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 10Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 11Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 12Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SlewRate=11
SlewRate=00
G018
G016
ModulationOff
Modulation=28kHz
G017
VO
11V,IL =700mA
5V,IL =700mA
2V,IL =225mA
V(driver)
G014
G015
TPIC74101-Q1
www.ti.com
SLIS140A – OCTOBER 2011 – REVISED DECEMBER 2014
Typical Characteristics (continued)
(Reference L1 Pin, see Figure 10 through Figure 12)
IL = 400 mA
Figure 14. Switch-Mode Regulator Transition From Buck
Figure 13. Input Voltage Excursions (Similar to Low-Crank
Mode to Boost Mode
Conditions)
.
IL = 400 mA
These values represent conducted EMI results of a test board for
display purposes only. Actual results may vary greatly depending
on board layout and external components and must be verified in
actual application
Figure 16. Conducted Emissions on Test Board Showing
Figure 15. Switch-Mode Regulator Transition From Boost
Effects of Switching-Frequency Modulation
Mode to Buck Mode
These values represent conducted EMI results of a test board for display purposes only. Actual results may vary greatly depending on
board layout and external components and must be verified in actual application.
Figure 17. Conducted Emissions on Test Board Showing Effects of Minimum and Maximum Slew Rate Settings
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPIC74101-Q1


Similar Part No. - TPIC74101-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results

Similar Description - TPIC74101-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74100-Q1 TI-TPIC74100-Q1 Datasheet
891Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
   Inductorless -2x Boost/Buck Regulator
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com