Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC74101-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPIC74101-Q1
Description  TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC74101-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC74101-Q1_15 Datasheet HTML 2Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 3Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 4Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 5Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 6Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 7Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 8Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 9Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPIC74101-Q1
SLIS140A – OCTOBER 2011 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
V(driver) = 6 V to 17 V, TA = -40°C to 125°C, unless otherwise noted
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5Vg OUTPUT AND ENABLE
rDS(on)
On-state resistance
140
225
m
IO
Output current
400
mA
VI
5Vg_ENABLE input-voltage range
–0.5
VO
V
VIH
5Vg_ENABLE threshold high voltage
V(5Vg) = 5 V
2.5
3
3.5
V
VIL
5Vg_ENABLE threshold low voltage
V(5Vg) = 0 V
1.5
2
2.5
V
V(hys)
Hysteresis voltage
0.5
1
V
r(pd)
Internal pulldown resistor
300
500
850
k
ENABLE
VI
ENABLE input-voltage range
–0.5
40
V
8 V
≤ V(driver) ≤ 17 V
2.5
3
3.5
VIH
ENABLE threshold high voltage
V
6 V
≤ V(driver) < 8 V
1.9
2.5
3.5
VIL
ENABLE threshold low voltage
VO = 5 V
1.5
1.85
2.5
V
8 V
≤ V(driver) ≤ 17 V
0.5
1
V(hys)
Hysteresis voltage
V
6 V
≤ V(driver) < 8 V
0.1
RESET
V(th)
RESET threshold voltage
4.51
4.65
4.79
V
V(RESET)
RESET tolerance
3%
C(REST) = 10 nF
8
10
12
t(RESET)
RESET time
ms
C(REST)= 100 nF, see Note
(1)
80
100
120
Isink = 5 mA
450
VOL
RESET output low voltage
mV
Isink = 1 mA
84
t(deglitch)
RESET deglitch time
See Note(1)
8
10
12.5
μs
ALARM
VI
Alarm input-voltage range
–0.5
40
V
VIL
Alarm threshold low voltage
2.2
2.3
2.35
V
VIH
Alarm threshold high voltage
2.43
2.5
2.58
V
V(hys)
Hysteresis voltage
240
mV
Isink = 5 mA
450
VOL
Alarm output low voltage
mV
Isink = 1 mA
84
LOW-POWER MODE (PULSE MODE) PFM
IO(LPM)
Load current in low-power mode
V(driver) < 7 V
50
mA
II(avg)
Average input current
V(driver) = 11 V, IO = 5 mA, CLP = low
3.55
mA
VO
Output-voltage tolerance
VO = 5 V
2.4%
3%
DIGITAL LOW-POWER MODE (CLP)
VIH
High-level CLP input threshold voltage
Normal mode
2.6
V
VIL
Low-level CLP input threshold voltage
Low-power mode
1.15
V
SWITCHING PARAMETERS
f(sw)
Switching frequency
V(Rmod) = 0 V, modulator OFF
380
kHz
f(sw)ac
Operating-frequency accuracy
f(sw) = 380 kHz
20%
f(sw)min
Modulation minimum frequency
230
285
385
kHz
f(sw)max
Modulation maximum frequency
390
480
590
kHz
f(mod)span
Modulation span
220
kHz
f(mod)
Modulation frequency
Rmod = 12 kΩ ±1%
28
kHz
f(mod)ac
Modulation-frequency accuracy
12%
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: TPIC74101-Q1


Similar Part No. - TPIC74101-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results

Similar Description - TPIC74101-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74100-Q1 TI-TPIC74100-Q1 Datasheet
891Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
   Inductorless -2x Boost/Buck Regulator
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com