Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TL497ACNSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. TL497ACNSR
Description  500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TL497ACNSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL497ACNSR Datasheet HTML 2Page - Texas Instruments TL497ACNSR Datasheet HTML 3Page - Texas Instruments TL497ACNSR Datasheet HTML 4Page - Texas Instruments TL497ACNSR Datasheet HTML 5Page - Texas Instruments TL497ACNSR Datasheet HTML 6Page - Texas Instruments TL497ACNSR Datasheet HTML 7Page - Texas Instruments TL497ACNSR Datasheet HTML 8Page - Texas Instruments TL497ACNSR Datasheet HTML 9Page - Texas Instruments TL497ACNSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TL497A
500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR
SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
DESIGN EQUATIONS
I
(PK) +
2I
O
max
L(
mH) +
V
I
–V
O
I
(PK)
ton(ms)
C
T
(pF)
[ 12 ton(ms)
R1
+ (V
O
–1.2 V) k
W
Choose L (50 to 500
µH), calculate
ton (10 to 150 µs)
R
CL +
0.5 V
I
(PK)
C
O
(
mF) [ ton(ms)
V
I *
V
O
V
O
I
(PK) )
I
O
V
ripple
(PK)
VI
RCL
8
10
13
14
TL497A
12
3
45
6
7
R2 = 1.2 k
R1
CO
VO
VI
RCL
14
13
10
8
12
3
4
5
6
7
TL497A
L
R1
R2 = 1.2 k
EXTENDED POWER CONFIGURATION
(using external transistor)
L
VO
CO
CT
CT
BASIC CONFIGURATION
(Peak Switching Current = I(PK) < 500 mA)
Figure 2. Positive Regulator, Step-Down Configurations


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn