Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TL497ACNSLE Datasheet(PDF) 5 Page - Texas Instruments

Part No. TL497ACNSLE
Description  500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497ACNSLE Datasheet(HTML) 5 Page - Texas Instruments

  TL497ACNSLE Datasheet HTML 1Page - Texas Instruments TL497ACNSLE Datasheet HTML 2Page - Texas Instruments TL497ACNSLE Datasheet HTML 3Page - Texas Instruments TL497ACNSLE Datasheet HTML 4Page - Texas Instruments TL497ACNSLE Datasheet HTML 5Page - Texas Instruments TL497ACNSLE Datasheet HTML 6Page - Texas Instruments TL497ACNSLE Datasheet HTML 7Page - Texas Instruments TL497ACNSLE Datasheet HTML 8Page - Texas Instruments TL497ACNSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TL497A
500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR
SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VI
L
14
13
10
8
7
6
5
4
3
2
1
TL497A
R2 = 1.2 k
R1
VO
CO
BASIC CONFIGURATION
(Peak Switching Current = I(PK) < 500 mA)
VI
RCL
L
R1
8
10
13
14
12
3
4
5
EXTENDED POWER CONFIGURATION
(using external transistor)
TL497A
DESIGN EQUATIONS
I
(PK) +
2I
O
max
V
O
V
I
L(
mH) +
V
I
I
(PK)
ton (ms)
C
T
(pF)
[ 12 ton (ms)
R1
+ (V
O
–1.2 V) k
W
Choose L (50 to 500
µH), calculate
ton (25 to 150 µs)
R
CL +
0.5 V
I
(PK)
C
O
(
mF) [ ton(ms)
V
I
V
O
I
(PK) )
I
O
V
ripple
(PK)
CT
R2 = 1.2 k
VO
CO
CT
RCL
Figure 1. Positive Regulator, Step-Up Configurations


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn