Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IPL60R1K5C6S Datasheet(PDF) 12 Page - Infineon Technologies AG

Part No. IPL60R1K5C6S
Description  Very high commutation ruggedness
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R1K5C6S Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IPL60R1K5C6S Datasheet HTML 6Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 7Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 8Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 9Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 10Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 11Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 12Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 13Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
600VCoolMOS™C6PowerTransistor
IPL60R1K5C6S
Rev.2.0,2014-07-08
Final Data Sheet
7PackageOutlines
E2
K1
K2
e
MILLIMETERS
A
DIM
MIN
MAX
INCHES
MIN
MAX
1
SCALE
Z8B00172997
REVISION
ISSUE DATE
EUROPEAN PROJECTION
01
17-04-2014
0
2mm
0
1
DOCUMENT NO.
b1
c
D
D1
E
E1
N
L
0.90
1.10
0.035
0.043
0.00
0.10
4.90
4.11
5.90
2.60
0.45
0.05
0.30
5.10
4.31
6.10
2.80
0.65
0.000
0.004
0.193
0.162
0.232
0.102
0.018
0.002
0.012
0.201
0.170
0.240
0.110
0.026
0.30
8
0.50
8
0.012
0.020
1.27 (BSC)
0.05 (BSC)
b
0.30
0.50
0.012
0.020
1.80
2.00
0.071
0.079
0.20
0.40
0.008
0.016
L1
0.45
0.65
0.018
0.026
Figure1OutlineThinPAK5x6SMD,dimensionsinmm/inches


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn