Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IPL60R1K5C6S Datasheet(PDF) 8 Page - Infineon Technologies AG

Part No. IPL60R1K5C6S
Description  Very high commutation ruggedness
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R1K5C6S Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IPL60R1K5C6S Datasheet HTML 4Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 5Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 6Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 7Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 8Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 9Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 10Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 11Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
600VCoolMOS™C6PowerTransistor
IPL60R1K5C6S
Rev.2.0,2014-07-08
Final Data Sheet
Diagram5:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
1
2
3
4
5
6
7
8
9
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram6:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
1
2
3
4
5
6
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=125°C;parameter:VGS
Diagram7:Typ.drain-sourceon-stateresistance
ID[A]
0
2
4
6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
20 V
5.5 V
6 V
6.5 V
7 V
10 V
RDS(on)=f(ID);Tj=125°C;parameter:VGS
Diagram8:Drain-sourceon-stateresistance
Tj[°C]
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
98%
typ
RDS(on)=f(Tj);ID=1.1A;VGS=10V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn