Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IPL60R1K5C6S Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. IPL60R1K5C6S
Description  Very high commutation ruggedness
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R1K5C6S Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPL60R1K5C6S Datasheet HTML 2Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 3Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 4Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 5Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 6Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 7Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 8Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 9Page - Infineon Technologies AG IPL60R1K5C6S Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
600VCoolMOS™C6PowerTransistor
IPL60R1K5C6S
Rev.2.0,2014-07-08
Final Data Sheet
Table7Reversediodecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Diode forward voltage
VSD
-
0.9
-
V
VGS=0V,IF=1.4A,Tf=25°C
Reverse recovery time
trr
-
230
-
ns
VR=400V,IF=1.4A,diF/dt=100A/µs
Reverse recovery charge
Qrr
-
1.1
-
µC
VR=400V,IF=1.4A,diF/dt=100A/µs
Peak reverse recovery current
Irrm
-
9.8
-
A
VR=400V,IF=1.4A,diF/dt=100A/µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn