Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPG20N10S4L-22A Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPG20N10S4L-22A
Description  Dual N-channel Logic Level - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPG20N10S4L-22A Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPG20N10S4L-22A Datasheet HTML 1Page - Infineon Technologies AG IPG20N10S4L-22A Datasheet HTML 2Page - Infineon Technologies AG IPG20N10S4L-22A Datasheet HTML 3Page - Infineon Technologies AG IPG20N10S4L-22A Datasheet HTML 4Page - Infineon Technologies AG IPG20N10S4L-22A Datasheet HTML 5Page - Infineon Technologies AG IPG20N10S4L-22A Datasheet HTML 6Page - Infineon Technologies AG IPG20N10S4L-22A Datasheet HTML 7Page - Infineon Technologies AG IPG20N10S4L-22A Datasheet HTML 8Page - Infineon Technologies AG IPG20N10S4L-22A Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPG20N10S4L-22A
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
2)
Thermal resistance, junction - case
R thJC
--
-
2.5
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
100
-
6cm
2 cooling area3)
-60
-
Electrical characteristics,
at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0V, I D= 1mA
100
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D= 25µA
1.1
1.6
2.1
Zero gate voltage drain current
4)
I DSS
V DS=100V, V GS=0V,
T j=25°C
-0.01
1
µA
V DS=100V, V GS=0V,
T j=125°C
2)
-
1
100
Gate-source leakage current
4)
I GSS
V GS=16V, V DS=0V
-
-
100
nA
Drain-source on-state resistance
4)
R DS(on)
V GS=4.5V, I D=10A
-24
28
m
Ω
V GS=10V, I D=17A
-20
22
Values
Rev. 1.0
page 2
2013-03-04


Similar Part No. - IPG20N10S4L-22A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG20N10S4L-22 INFINEON-IPG20N10S4L-22 Datasheet
191Kb / 9P
   OptiMOS??T2 Power-Transistor
Rev. 1.1 2013-01-30
More results

Similar Description - IPG20N10S4L-22A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG20N06S4L-11A INFINEON-IPG20N06S4L-11A_15 Datasheet
293Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2015-05-04
IPG16N10S4L-61A INFINEON-IPG16N10S4L-61A Datasheet
275Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2014-06-30
IPG20N04S4L-11A INFINEON-IPG20N04S4L-11A Datasheet
201Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-02-28
IPG20N04S4L-08A INFINEON-IPG20N04S4L-08A_15 Datasheet
244Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2015-09-16
IPG20N06S4L-14A INFINEON-IPG20N06S4L-14A Datasheet
212Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-02-28
IPG20N10S4L-35A INFINEON-IPG20N10S4L-35A Datasheet
200Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-03-04
logo
Cystech Electonics Corp...
MTB17A03V8 CYSTEKEC-MTB17A03V8 Datasheet
357Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode MOSFET
MTB14A03V8 CYSTEKEC-MTB14A03V8 Datasheet
357Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
PA5D8JA UNIKC-PA5D8JA Datasheet
791Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode MOSFET
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com