Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD90N08S4-05 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD90N08S4-05
Description  N-channel - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD90N08S4-05 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD90N08S4-05 Datasheet HTML 1Page - Infineon Technologies AG IPD90N08S4-05 Datasheet HTML 2Page - Infineon Technologies AG IPD90N08S4-05 Datasheet HTML 3Page - Infineon Technologies AG IPD90N08S4-05 Datasheet HTML 4Page - Infineon Technologies AG IPD90N08S4-05 Datasheet HTML 5Page - Infineon Technologies AG IPD90N08S4-05 Datasheet HTML 6Page - Infineon Technologies AG IPD90N08S4-05 Datasheet HTML 7Page - Infineon Technologies AG IPD90N08S4-05 Datasheet HTML 8Page - Infineon Technologies AG IPD90N08S4-05 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPD90N08S4-05
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
2)
Thermal resistance, junction - case
R thJC
-
-
-
1.0
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm
2 cooling area3)
-
-
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0V, I D= 1mA
80
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=90µA
2.0
3.0
4.0
Zero gate voltage drain current
I DSS
V DS=80V, V GS=0V,
T j=25°C
-
0.01
1
µA
V DS=80V, V GS=0V,
T j=125°C
2)
-
5
100
Gate-source leakage current
I GSS
V GS=20V, V DS=0V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10V, I D=90A
-
4.5
5.3
m
W
Values
Rev. 1.0
page 2
2014-06-20


Similar Part No. - IPD90N08S4-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD90N03S4L-02 INFINEON-IPD90N03S4L-02 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 3.0 2008-03-18
IPD90N03S4L-03 INFINEON-IPD90N03S4L-03 Datasheet
189Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 2.0 2007-01-31
IPD90N03S4L-03 INFINEON-IPD90N03S4L-03 Datasheet
162Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 2.1 2010-03-08
IPD90N03S4L-03 INFINEON-IPD90N03S4L-03_10 Datasheet
162Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 2.1 2010-03-08
IPD90N04S3-04 INFINEON-IPD90N04S3-04 Datasheet
190Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
More results

Similar Description - IPD90N08S4-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com