Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR14203 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14203
Description  SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR14203 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMR14203 Datasheet HTML 4Page - Texas Instruments LMR14203 Datasheet HTML 5Page - Texas Instruments LMR14203 Datasheet HTML 6Page - Texas Instruments LMR14203 Datasheet HTML 7Page - Texas Instruments LMR14203 Datasheet HTML 8Page - Texas Instruments LMR14203 Datasheet HTML 9Page - Texas Instruments LMR14203 Datasheet HTML 10Page - Texas Instruments LMR14203 Datasheet HTML 11Page - Texas Instruments LMR14203 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LMR14203
SNVS732C – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
available with a bigger winding area. A good tradeoff between the efficiency and the core size is letting the
inductor copper loss equal 2% of the output power. See AN-1197 SNVA038 for more information on selecting
inductors. A good starting point for most applications is a 10 µH to 22 µH with a 0.7A or greater current rating for
the LMR14203. Using such a rating will enable the LMR14203 to current limit without saturating the inductor.
This is preferable to the device going into thermal shutdown mode and the possibility of damaging the inductor if
the output is shorted to ground or other longterm overload.
Output Capacitor
The selection of COUT is driven by the maximum allowable output voltage ripple. The output ripple in the constant
frequency, PWM mode is approximated by:
VRIPPLE = IRIPPLE(ESR+(1/(8fSWCOUT)))
(4)
The ESR term usually plays the dominant role in determining the voltage ripple. Low ESR ceramic capacitors are
recommended. Capacitors in the range of 22 µF-100 µF are a good starting point with an ESR of 0.1
Ω or less.
Bootstrap Capacitor
A 0.15 µF ceramic capacitor or larger is recommended for the bootstrap capacitor (CBOOT). For applications
where the input voltage is less than twice the output voltage a larger capacitor is recommended, generally 0.15
µF to 1 µF to ensure plenty of gate drive for the internal switches and a consistently low RDSON.
Soft-Start Components
The LMR14203 has circuitry that is used in conjunction with the SHDN pin to limit the inrush current on start-up
of the DC/DC switching regulator. The SHDN pin in conjunction with a RC filter is used to tailor the soft-start for a
specific application. When a voltage applied to the SHDN pin is between 0V and up to 2.3V it will cause the cycle
by cycle current limit in the power stage to be modulated for minimum current limit at 0V up to the rated current
limit at 2.3V. Thus controlling the output rise time and inrush current at startup. The resistor value should be
selected so the current sourced into the SHDN pin will be greater then the leakage current of the SHDN pin (1.5
µA ) when the voltage at SHDN is equal or greater then 2.3V.
Shutdown Operation
The SHDN pin of the LMR14203 is designed so that it may be controlled using 2.3V or higher logic signals. If the
shutdown function is not to be used the SHDN pin may be tied to VIN. The maximum voltage to the SHDN pin
should not exceed 42V. If the use of a higher voltage is desired due to system or other constraints it may be
used, however a 100 k
Ω or larger resistor is recommended between the applied voltage and the SHDN pin to
protect the device.
SCHOTTKY Diode
The breakdown voltage rating of the diode (D1) is preferred to be 25% higher than the maximum input voltage.
The current rating for the diode should be equal to the maximum output current for best reliability in most
applications. In cases where the duty cycle is greater than 50%, the average diode current is lower. In this case it
is possible to use a diode with a lower average current rating, approximately (1-D)IOUT, however the peak current
rating should be higher than the maximum load current. A 0.5A to 1A rated diode is a good starting point.
Layout Considerations
To reduce problems with conducted noise pick up, the ground side of the feedback network should be connected
directly to the GND pin with its own connection. The feedback network, resistors R1 and R2, should be kept
close to the FB pin, and away from the inductor to minimize coupling noise into the feedback pin. The input
bypass capacitor CIN must be placed close to the VIN pin. This will reduce copper trace resistance which effects
input voltage ripple of the IC. The inductor L1 should be placed close to the SW pin to reduce EMI and capacitive
coupling. The output capacitor, COUT should be placed close to the junction of L1 and the diode D1. The L1, D1,
and COUT trace should be as short as possible to reduce conducted and radiated noise and increase overall
efficiency. The ground connection for the diode, CIN, and COUT should be as small as possible and tied to the
system ground plane in only one spot (preferably at the COUT ground point) to minimize conducted noise in the
system ground plane. For more detail on switching power supply layout considerations see Application Note AN-
1149: Layout Guidelines for Switching Power Supplies SNVA021.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMR14203


Similar Part No. - LMR14203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
[Old version datasheet]   Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
LMR14203XMK TI1-LMR14203XMK Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203XMKE TI1-LMR14203XMKE Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203XMKX TI1-LMR14203XMKX Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
More results

Similar Description - LMR14203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI-LMR14206XMK Datasheet
817Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014 Datasheet
366Kb / 12P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR24210 TI-LMR24210_15 Datasheet
1Mb / 25P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 1.0A Step-Down Voltage Regulator
LMR24220 TI-LMR24220_15 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10515XMFE TI-LMR10515XMFE Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com