Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM53600-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part No. LM53600-Q1
Description  LM5360x-Q1 5-V, 3.3-V, and Adjustable Synchronous-Buck 1-A Regulator for Automotive Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM53600-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM53600-Q1_15 Datasheet HTML 1Page - Texas Instruments LM53600-Q1_15 Datasheet HTML 2Page - Texas Instruments LM53600-Q1_15 Datasheet HTML 3Page - Texas Instruments LM53600-Q1_15 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SW
BOOT
RESET
AGND
VIN
SYNC/
MODE
GND
EN
VCC
FB
CIN
CBOOT
RPU
VPU
VSUPPLY
LM53600
LM53601
L1
COUT
(DAP)
CVCC
SW
BOOT
RESET
BIAS
VIN
SYNC/
MODE
GND
VCC
FB
CBOOT
RPU
VPU
VSUPPLY
VBIAS
LM53600
LM53601
L1
COUT
(DAP)
CVCC
CIN
EN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM53600-Q1, LM53601-Q1
SNAS660 – JUNE 2015
LM5360x-Q1 5-V, 3.3-V, and Adjustable Synchronous-Buck 1-A Regulator
for Automotive Applications
1 Features
2 Applications
1
Automotive Grade Product, AEC Grade 1
Automotive Camera Applications
Qualified
Automotive Infotainment
10-lead 3 mm x 3 mm WSON Package
3 Description
–40°C to 150°C junction Temperature Range
The LM53600/01 synchronous buck regulator is
Peak Current Mode Control
optimized for automotive applications, providing either
2.1-MHz (±10%) Fixed Switching Frequency
an adjustable output or an output voltage of 3.3 V or
Pin Selectable Forced PWM Mode
5 V. The LM53600-Q1 device supports load currents
up to 650 mA and the LM536001-Q1 supports load
External Frequency Synchronization With Forced
currents up to 1000 mA.
PWM Mode
Advanced high speed circuitry allows the device to
Reset Output With Filter and Delayed Release
regulate from an 18-V input to a 3.3-V output at a
Automatic Light Load Mode for Improved
fixed frequency of 2.1 MHz. Innovative architecture
Efficiency
allows the device to regulate a 3.3-V output from an
Built-In Compensation, Soft-start, Current Limit,
input voltage of only 3.8 V. Input voltage range up to
Thermal Shutdown, and UVLO
36 V, with transient tolerance up to 42 V, eases input
surge protection design.
Spread Spectrum is Available as a Factory Option
Electrical Specifications
An open drain reset output, with filtering and delayed
release, provides a true indication of system status.
3.5-V to 36 V Input Voltage With Transients up
This feature negates the requirement for an additional
to 42 V
supervisory
component,
saving
cost
and
board
1000-mA Maximum Load Current (LM53601-
space. Seamless transition between PWM and PFM
Q1)
modes, along with a quiescent current of only 22 µA,
650-mA Maximum load Current (LM53600-Q1)
ensures
high
efficiency
and
superior
transient
response at all loads. Few external components are
Output Voltage Options: 5 V, 3.3 V, and
needed allowing the generation of compact PCB
Adjustable
layout. The device characteristics are specified from a
±2% Fixed Output Voltage Tolerance (Over
junction temperature range of –40°C up to 150°C.
Temperature)
Device Information(1)
±1.75% FB Voltage Tolerance for Adjustable
Output Version (Over Temperature)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM53600-Q1
1.8-µA Current When Shutdown (Typical)
WSON (10)
3.00mm x 3.00mm
LM53601-Q1
22-µA Quiescent Current at No Load With 3.3-
V Output (Typical)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
Fixed Version
Adjustable Version
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn