Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB120N10S4-05 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPB120N10S4-05
Description  N-channel - Normal Level - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB120N10S4-05 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPB120N10S4-05 Datasheet HTML 1Page - Infineon Technologies AG IPB120N10S4-05 Datasheet HTML 2Page - Infineon Technologies AG IPB120N10S4-05 Datasheet HTML 3Page - Infineon Technologies AG IPB120N10S4-05 Datasheet HTML 4Page - Infineon Technologies AG IPB120N10S4-05 Datasheet HTML 5Page - Infineon Technologies AG IPB120N10S4-05 Datasheet HTML 6Page - Infineon Technologies AG IPB120N10S4-05 Datasheet HTML 7Page - Infineon Technologies AG IPB120N10S4-05 Datasheet HTML 8Page - Infineon Technologies AG IPB120N10S4-05 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPB120N10S4-05
IPI120N10S4-05, IPP120N10S4-05
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
5030
6540
pF
Output capacitance
C oss
-
1600
2080
Reverse transfer capacitance
Crss
-
100
200
Turn-on delay time
t d(on)
-
15
-
ns
Rise time
t r
-
10
-
Turn-off delay time
t d(off)
-
30
-
Fall time
t f
-
35
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-
24
31
nC
Gate to drain charge
Q gd
-
14
28
Gate charge total
Q g
-
70
91
Gate plateau voltage
V plateau
-
4.9
-
V
Reverse Diode
Diode continous forward current
2)
I S
-
-
120
A
Diode pulse current
2)
I S,pulse
-
-
480
Diode forward voltage
V SD
V GS=0V, I F=100A,
T j=25°C
-
1.0
1.3
V
Reverse recovery time
2)
t rr
V R=50V, I F=50A,
di F/dt =100A/µs
-
65
-
ns
Reverse recovery charge
2)
Q rr
-
130
-
nC
Values
V GS=0V, V DS=25V,
f =1MHz
V DD=50V, V GS=10V,
I D=120A, R G=3.5W
V DD=80V, I D=120A,
V GS=0 to 10V
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1) Current is limited by bondwire; with an R
thJC = 0.8K/W the chip is able to carry 134A at 25°C.
T C=25°C
2) Specified by design. Not subject to production test.
Rev.1.0
page 3
2014-07-01


Similar Part No. - IPB120N10S4-05

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPB120N10S4-05 ISC-IPB120N10S4-05 Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPB120N10S4-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPZ40N04S5-3R1 INFINEON-IPZ40N04S5-3R1_15 Datasheet
316Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPZ40N04S5-5R4 INFINEON-IPZ40N04S5-5R4_15 Datasheet
323Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPD90N10S4-06 INFINEON-IPD90N10S4-06 Datasheet
266Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPB120N10S4-03 INFINEON-IPB120N10S4-03 Datasheet
358Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPD60N10S4-12 INFINEON-IPD60N10S4-12 Datasheet
291Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPZ40N04S5-8R4 INFINEON-IPZ40N04S5-8R4_15 Datasheet
328Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPB180N10S4-03 INFINEON-IPB180N10S4-03 Datasheet
262Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPG20N06S4-15A INFINEON-IPG20N06S4-15A_15 Datasheet
278Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.0 2015-09-17
IPG20N10S4-36A INFINEON-IPG20N10S4-36A_15 Datasheet
275Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.1 2015-04-13
IPG16N10S4-61A INFINEON-IPG16N10S4-61A Datasheet
201Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.0 2013-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com