Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP120N08S4-04 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPP120N08S4-04
Description  N-channel - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP120N08S4-04 Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPP120N08S4-04 Datasheet HTML 1Page - Infineon Technologies AG IPP120N08S4-04 Datasheet HTML 2Page - Infineon Technologies AG IPP120N08S4-04 Datasheet HTML 3Page - Infineon Technologies AG IPP120N08S4-04 Datasheet HTML 4Page - Infineon Technologies AG IPP120N08S4-04 Datasheet HTML 5Page - Infineon Technologies AG IPP120N08S4-04 Datasheet HTML 6Page - Infineon Technologies AG IPP120N08S4-04 Datasheet HTML 7Page - Infineon Technologies AG IPP120N08S4-04 Datasheet HTML 8Page - Infineon Technologies AG IPP120N08S4-04 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IPB120N08S4-04
IPI120N08S4-04, IPP120N08S4-04
13 Avalanche energy
14 Drain-source breakdown voltage
E AS = f(T j)
V BR(DSS) = f(T j); I D = 1 mA
parameter: I D
15 Typ. gate charge
16 Gate charge waveforms
V GS = f(Q gate); I D = 120 A pulsed
parameter: V DD
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
72
74
76
78
80
82
84
86
88
-55
-15
25
65
105
145
T j [°C]
16 V
64 V
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
Q gate [nC]
99 A
60 A
30 A
0
100
200
300
400
500
600
700
25
75
125
175
T j [°C]
Rev. 1.0
page 7
2014-06-20


Similar Part No. - IPP120N08S4-04

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP120N08S4-03 INFINEON-IPP120N08S4-03 Datasheet
231Kb / 9P
   N-channel - Enhancement mode
More results

Similar Description - IPP120N08S4-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com