Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB120N10S4-03 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB120N10S4-03
Description  N-channel - Normal Level - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB120N10S4-03 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB120N10S4-03 Datasheet HTML 1Page - Infineon Technologies AG IPB120N10S4-03 Datasheet HTML 2Page - Infineon Technologies AG IPB120N10S4-03 Datasheet HTML 3Page - Infineon Technologies AG IPB120N10S4-03 Datasheet HTML 4Page - Infineon Technologies AG IPB120N10S4-03 Datasheet HTML 5Page - Infineon Technologies AG IPB120N10S4-03 Datasheet HTML 6Page - Infineon Technologies AG IPB120N10S4-03 Datasheet HTML 7Page - Infineon Technologies AG IPB120N10S4-03 Datasheet HTML 8Page - Infineon Technologies AG IPB120N10S4-03 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPB120N10S4-03
IPI120N10S4-03, IPP120N10S4-03
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
2)
Thermal resistance, junction - case
R thJC
-
-
-
0.6
K/W
Thermal resistance, junction -
ambient, leaded
R thJA
-
-
-
62
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm
2 cooling area3)
-
-
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0V, I D= 1mA
100
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=180µA
2.0
2.7
3.5
Zero gate voltage drain current
I DSS
V DS=100V, V GS=0V
-
0.1
1
µA
V DS=100V, V GS=0V,
T j=125°C
2)
-
10
100
Gate-source leakage current
I GSS
V GS=20V, V DS=0V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10V, I D=100A
-
3.4
3.9
m
W
V GS=10V, I D=100A,
SMD version
-
3.0
3.5
Values
Rev. 1.0
page 2
2014-06-30


Similar Part No. - IPB120N10S4-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB120N10S4-05 INFINEON-IPB120N10S4-05 Datasheet
392Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev.1.0 2014-07-01
logo
Inchange Semiconductor ...
IPB120N10S4-05 ISC-IPB120N10S4-05 Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPB120N10S4-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPZ40N04S5-3R1 INFINEON-IPZ40N04S5-3R1_15 Datasheet
316Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPZ40N04S5-5R4 INFINEON-IPZ40N04S5-5R4_15 Datasheet
323Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPD90N10S4-06 INFINEON-IPD90N10S4-06 Datasheet
266Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPD60N10S4-12 INFINEON-IPD60N10S4-12 Datasheet
291Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPZ40N04S5-8R4 INFINEON-IPZ40N04S5-8R4_15 Datasheet
328Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPB120N10S4-05 INFINEON-IPB120N10S4-05 Datasheet
392Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev.1.0 2014-07-01
IPB180N10S4-03 INFINEON-IPB180N10S4-03 Datasheet
262Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPG20N06S4-15A INFINEON-IPG20N06S4-15A_15 Datasheet
278Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.0 2015-09-17
IPG20N10S4-36A INFINEON-IPG20N10S4-36A_15 Datasheet
275Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.1 2015-04-13
IPG16N10S4-61A INFINEON-IPG16N10S4-61A Datasheet
201Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.0 2013-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com