Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM46000-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM46000-Q1
Description  SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46000-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM46000-Q1 Datasheet HTML 7Page - Texas Instruments LM46000-Q1 Datasheet HTML 8Page - Texas Instruments LM46000-Q1 Datasheet HTML 9Page - Texas Instruments LM46000-Q1 Datasheet HTML 10Page - Texas Instruments LM46000-Q1 Datasheet HTML 11Page - Texas Instruments LM46000-Q1 Datasheet HTML 12Page - Texas Instruments LM46000-Q1 Datasheet HTML 13Page - Texas Instruments LM46000-Q1 Datasheet HTML 14Page - Texas Instruments LM46000-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Quasi Peak Limit
Average Limit
Frequency (MHz)
dBuV
100
90
80
70
60
50
40
30
20
10
0.15
1
10
30
Measured Peak Emissions
Quasi Peak Limit
Average Limit
Frequency (MHz)
dBuV
100
90
80
70
60
50
40
30
20
10
0.15
1
10
30
Measured Peak Emissions
EN 55022 Class B Limit
Frequency (MHz)
dBuV
80
70
60
50
40
30
20
10
30
Evaluation Board Emissions
1000
100
Vertical Polarization
Horizontal Polarization
EN 55022 Class B Limit
Frequency (MHz)
dBuV
80
70
60
50
40
30
20
10
30
Evaluation Board Emissions
1000
100
Vertical Polarization
Horizontal Polarization
10000
100000
1000000
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
VIN (V)
Load = 0.01 A
Load = 0.1 A
Load = 0.5 A
C001
10000
100000
1000000
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
VIN (V)
Load = 0.01 A
Load = 0.1 A
Load = 0.5 A
C001
LM46000-Q1
www.ti.com
SNVSAA1A – JULY 2015 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz, L = 27 µH, COUT = 100 µF, CFF = 33 pF. Please refer to
Application Performance Curves for Bill of Materials (BOM) for other VOUT and FS combinations.
VOUT = 3.3 V
FS = 500 kHz
VOUT = 5 V
FS = 1 MHz
Figure 19. Switching Frequency vs VIN in Drop-Out
Figure 20. Switching Frequency vs VIN in Drop-Out
Operation
Operation
VOUT = 3.3 V
FS = 500 kHz
IOUT = 0.5 A
VOUT = 5 V
FS = 500 kHz
IOUT = 0.5 A
Measured on the LM46000QPWPEVM with default BOM. No input
Measured on the LM46000QPWPEVM with L = 44 µH, COUT = 66
filter used.
µF, CFF = 33 pF. No input filter used.
Figure 21. Radiated EMI Curve
Figure 22. Radiated EMI Curve
VOUT = 3.3 V
FS = 500 kHz
IOUT = 0.5 A
VOUT = 5 V
FS = 500 kHz
IOUT = 0.5 A
Measured on the LM46000QPWPEVM with default BOM. EVM
Measured on the LM46000QPWPEVM with L = 44 µH, COUT = 66
input filter: Lin = 1 µH Cd = 47 µF CIN4 = 68 µF
µF, CFF = 33 pF. EVM input filter Lin = 1 µH Cd = 47 µF CIN4 = 68
µF
Figure 23. Conducted EMI Curve
Figure 24. Conducted EMI Curve
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM46000-Q1


Similar Part No. - LM46000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM46000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000 TI-LM46000_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com