Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL07AS201M0N51A0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PTGL07AS201M0N51A0
Description  protection against overcurrent situations
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL07AS201M0N51A0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PTGL07AS201M0N51A0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTGL07AS201M0N51A0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTGL07AS201M0N51A0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PTGL07AS201M0N51A0
Specifications
Max. Voltage
280V
Resistance
(25
)
200Ω
Resistance Value Tolerance (at
25
)
±20%
Max. Inrush Current(peak)
5.66A
Max. Applying Time of Inrush
10ms
Operating Temperature Range
-
40
to
105
D: Outer Dimension
7.8mm
Thickness
6mm
F: Lead Space
5mm
d: Lead Diameter
0.5mm
Shape
Lead
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/10


Similar Part No. - PTGL07AS201M0N51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL07AS201M0N51A0 MURATA-PTGL07AS201M0N51A0 Datasheet
217Kb / 3P
   PTGL Series
logo
Murata Manufacturing Co...
PTGL07AS201M0N51A0 MURATA1-PTGL07AS201M0N51A0 Datasheet
345Kb / 3P
   PTC for Inrush Current Suppression
12/12/2022
logo
Murata Manufacturing Co...
PTGL07AS201M0N51A0 MURATA-PTGL07AS201M0N51A0_17 Datasheet
217Kb / 3P
   PTGL Series
logo
Murata Manufacturing Co...
PTGL07AS201M0N51A0 MURATA1-PTGL07AS201M0N51A0_V01 Datasheet
345Kb / 3P
   PTC for Inrush Current Suppression
12/12/2022
More results

Similar Description - PTGL07AS201M0N51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL07AS201M0N51B0 MURATA-PTGL07AS201M0N51B0 Datasheet
200Kb / 3P
   protection against overcurrent situations
PTGL07AS121M0N51B0 MURATA-PTGL07AS121M0N51B0 Datasheet
203Kb / 3P
   protection against overcurrent situations
PTGL07AS181M0N51A0 MURATA-PTGL07AS181M0N51A0 Datasheet
205Kb / 3P
   protection against overcurrent situations
PTGL07AS181M0N51B0 MURATA-PTGL07AS181M0N51B0 Datasheet
201Kb / 3P
   protection against overcurrent situations
logo
EPCOS
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
   Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
   Overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
   Overcurrent Protection
logo
STMicroelectronics
STEVAL-ISA008V1 STMICROELECTRONICS-STEVAL-ISA008V1 Datasheet
126Kb / 4P
   Overcurrent protection
November 2010 Rev 1
logo
Tyco Electronics
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
   Overcurrent Protection Device
TRF600-150-RB MACOM-TRF600-150-RB Datasheet
88Kb / 1P
   Overcurrent Protection Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com