Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1300910028 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1300910028
Description  Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 15.24m
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

1300910028 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300910028
Status:
Active
Overview:
Electric Reels
Description:
Woodhead® Standard Duty Reel, 16/3 SJTOW Cord, 15.24m (50.0') Cord Length with
13W Fluorescent Hand Lamp and Handle Ballast
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR29921
UL
E22769
General
Product Family
Electric Reels
Series
130091
Cable Length
0.457m (1.50')
Depth
0.30m (11.75")
Duty
Standard
Enclosure Rating
NEMA 1
Height
0.36m (14.25")
NEMA Configuration
NEMA 5-15
Overview
Electric Reels
Product Literature Order No
987650-8061
Product Name
Super-Safeway™
Type
Cord Reel
UPC
78678833610
Width
196.85mm (7.750")
Woodhead
Yes
Physical
Cable Movement
Ratchet Lock
Cord Length
15.24m (50.0')
Drum Lock
Ratchet
Guide Arm
2 - Position
Material - Coating
Powder Coating
Material - Housing
Steel/Polycarbonate
Mounting Style
Rigid
Number of Conductors
3
Packaging Type
Carton
Primary Cord/Cable Entry
N/A
Retraction Weight
1.4kg (3.0 lb)
Wire Size AWG
16
Electrical
Bulb Included
Yes
Cord Type
16/3 SJTOW
Current - Maximum per Contact
8.0A
GFCI
No
Lamp Type
Fluorescent
Lamp Wattage - Maximum
13W
On/Off Switch
Yes
Voltage - Maximum
120V
Material Info
Old Part Number
980-86
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130091 Series


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn