Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1300910018 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1300910018
Description  Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

1300910018 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300910018
Status:
Active
Overview:
Electric Reels
Description:
Woodhead® Standard Cord Reel, 16/3 SJTOW Cord, 15.24m (50.0') Cord Length with
15A Connector, NEMA 5-15
Documents:
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E22769
General
Product Family
Electric Reels
Series
130091
Cable Length
0.457m (1.50')
Depth
0.30m (11.75")
Duty
Standard
Enclosure Rating
NEMA 1
Height
0.36m (14.25")
NEMA Configuration
NEMA 5-15
Overview
Electric Reels
Product Name
Super-Safeway™
Type
Cord Reel
UPC
78678833617
Width
196.85mm (7.750")
Woodhead
Yes
Physical
Cable Movement
Ratchet Lock
Cord Length
15.24m (50.0')
Drum Lock
Ratchet
Guide Arm
2 - Position
Material - Coating
Powder Coating
Material - Housing
Steel/Polycarbonate
Mounting Style
Rigid
Number of Conductors
3
Number of Receptacles
1
Packaging Type
Carton
Primary Cord/Cable Entry
N/A
Retraction Weight
1.4kg (3.0 lb)
Wire Size AWG
16
Electrical
Bulb Included
N/A
Cord Type
16/3 SJTOW
Current - Maximum per Contact
8.0A
GFCI
No
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
On/Off Switch
No
Voltage - Maximum
120V
Material Info
Old Part Number
980-1547
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130091 Series


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn