Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDA350-2G Datasheet(PDF) 3 Page - Hantronix,Inc

Part # HDA350-2G
Description  3.5 QVGA (TFT) Color Graphics Landscape White LED Backlight
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDA350-2G Datasheet(HTML) 3 Page - Hantronix,Inc

  HDA350-2G_15 Datasheet HTML 1Page - Hantronix,Inc HDA350-2G_15 Datasheet HTML 2Page - Hantronix,Inc HDA350-2G_15 Datasheet HTML 3Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensional Drawing
HDA350T-2G
With TOUCH SCREEN
3.5” , QVGA (TFT), with Touch Screen, White LED Backlight


Similar Part No. - HDA350-2G_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA350-2G HANTRONIX-HDA350-2G Datasheet
454Kb / 19P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
More results

Similar Description - HDA350-2G_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA351T-LV HANTRONIX-HDA351T-LV Datasheet
217Kb / 2P
   3.5?? QVGA (TFT) Color Graphics , Landscape , White LED Backlight
HDA570ST-V HANTRONIX-HDA570ST-V Datasheet
197Kb / 4P
   QVGA (TFT) Color Graphics ,White LED Backlight
HDA570S-VH HANTRONIX-HDA570S-VH Datasheet
151Kb / 3P
   5.7??, QVGA (TFT) Color Graphics ,White LED Backlight
HDA800S-GL HANTRONIX-HDA800S-GL_15 Datasheet
125Kb / 3P
   TFT Color Graphics ,White LED Backlight
logo
Kyocera Kinseki Corpota...
TCG035QVLPDANN-GN50 KSS-TCG035QVLPDANN-GN50 Datasheet
406Kb / 22P
   3.5 inch QVGA transmissive color TFT with LED backlight
TCG035QVLPAANN-AN00 KSS-TCG035QVLPAANN-AN00 Datasheet
444Kb / 23P
   3.5 inch QVGA transmissive color TFT with LED backlight
logo
Hantronix,Inc
HDA430-3H HANTRONIX-HDA430-3H_15 Datasheet
239Kb / 3P
   4.3 480x272 TFT Transmissive Color Landscape White LED Backlight
HDA240C HANTRONIX-HDA240C_15 Datasheet
1Mb / 12P
   2.4 QVGA TFT COLOR GRAPHICS
HDA570C-G HANTRONIX-HDA570C-G_15 Datasheet
48Kb / 1P
   5.7 QVGA, TFT (With Controller) Transmissive Color White LED Backlight
HDA700L-GHL HANTRONIX-HDA700L-GHL_15 Datasheet
116Kb / 3P
   7 WVGA (800 X480) TFT Color Graphics White LED Backlight
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com