Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W112B001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W112B001
Description  WR-112 Waveguide E-Bend with UG-51-U Flange Operating from 7.05 GHz to 10 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W112B001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W112B001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W112B001 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
7.05
10
GHz
VSWR
1.08:1
Insertion Loss
0.15
dB
.
Mechanical Specifications
Waveguide Size
WR-112
Waveguide Design
Standard
Description
Flange 1
Waveguide
Flange 2
Interface
UG-51/U
WR-112
UG-51/U
Material
Copper Alloy
Copper Alloy
Copper Alloy
Plating
Paint
Paint
Paint
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Notes:
• Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 Waveguide E-Bend with UG-51/U Flange Operating from 7.05 GHz to 10 GHz PE-
W112B001
PE-W112B001 REV 1
PE-W112B001
WR-112 Waveguide E-Bend with UG-51/U Flange
Operating from 7.05 GHz to 10 GHz


Similar Part No. - PE-W112B001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W112B002 PASTERNACK-PE-W112B002 Datasheet
318Kb / 2P
   WR-112 Waveguide H-Bend with UG-51-U Flange Operating from 7.05 GHz to 10 GHz
More results

Similar Description - PE-W112B001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W112B002 PASTERNACK-PE-W112B002 Datasheet
318Kb / 2P
   WR-112 Waveguide H-Bend with UG-51-U Flange Operating from 7.05 GHz to 10 GHz
PE-W112TF005-24 PASTERNACK-PE-W112TF005-24 Datasheet
406Kb / 4P
   WR-112 Flexible Waveguide Twist With a UG-51 - U Flange Operating From 7.05 GHz to 10 GHz
PE-W112TF005-12 PASTERNACK-PE-W112TF005-12 Datasheet
395Kb / 4P
   WR-112 Flexible Waveguide Twist With a UG-51 - U Flange Operating From 7.05 GHz to 10 GHz
PE-W112TF005-36 PASTERNACK-PE-W112TF005-36 Datasheet
394Kb / 4P
   WR-112 Flexible Waveguide Twist With a UG-51-U Flange Operating From 7.05 GHz to 10 GHz
PE-W112SF005-12 PASTERNACK-PE-W112SF005-12 Datasheet
395Kb / 4P
   WR-112 Flexible Straight Waveguide Section 12 Inch Length with UG-51 - U Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF005-36 PASTERNACK-PE-W112SF005-36 Datasheet
397Kb / 4P
   WR-112 Flexible Straight Waveguide Section 36 Inch Length with UG-51 - U Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF005-24 PASTERNACK-PE-W112SF005-24 Datasheet
395Kb / 4P
   WR-112 Flexible Straight Waveguide Section 24 Inch Length with UG-51 - U Flange Operating from 7.05 GHz to 10 GHz
PE-W75B001 PASTERNACK-PE-W75B001 Datasheet
318Kb / 2P
   WR-75 Waveguide E-Bend with UG-584-U Flange Operating from 10 GHz to 15 GHz
PEWAD5016 PASTERNACK-PEWAD5016 Datasheet
421Kb / 4P
   WR-112 Waveguide Bulkhead Adapter UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
PE-W112S001-9 PASTERNACK-PE-W112S001-9 Datasheet
307Kb / 2P
   WR-112 Commercial Grade Straight Waveguide Section 9 Inch Length with UG-51 - U Flange Operating from 7.05 GHz to 10 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com