Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2200 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # XC2200
Description  16/32-Bit Single-Chip Microcontroller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2200 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button XC2200 Datasheet HTML 45Page - Infineon Technologies AG XC2200 Datasheet HTML 46Page - Infineon Technologies AG XC2200 Datasheet HTML 47Page - Infineon Technologies AG XC2200 Datasheet HTML 48Page - Infineon Technologies AG XC2200 Datasheet HTML 49Page - Infineon Technologies AG XC2200 Datasheet HTML 50Page - Infineon Technologies AG XC2200 Datasheet HTML 51Page - Infineon Technologies AG XC2200 Datasheet HTML 52Page - Infineon Technologies AG XC2200 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
XC2200 Derivatives
XC2000 Family / Alpha Line
Detailed Errata Description
Errata Sheet
49
V1.11, 2014-10
INT_X.H004 SCU Interrupts Enabled After Reset
Following a reset, the SCU interrupts are enabled by default (register SCU_INTDIS =
0000
H). This may lead to interrupt requests being triggered in the SCU immediately,
even before user software has begun to execute. In the SCU, multiple interrupt sources
are `ORed` to a common interrupt node of the CPU interrupt controller. Due to the
“ORing” of multiple interrupt sources, only one interrupt request to the interrupt controller
will be generated if multiple sources at the input of this OR gate are active at the same
time. If user software enables an interrupt in the interrupt controller (SCU_xIC) which
shares the same node as the SCU interrupt request active after reset, it may lead to the
effect of suppressing the intended interrupt source. So, for all SCU interrupt sources
which will not be used, make sure to disable the interrupt source (SCU_INTDIS) and
clear any pending request flags (SCU_xIC.IR) before enabling interrupts in interrupt
controller.
JTAG_X.H001 JTAG Pin Routing
In the current device, the pins connected to the JTAG interface can be selected by
software (write to register DBGPRR). After a reset, the JTAG interface is connected to
position A (see Table 8). If connected to these pins, the debugger will work without any
restrictions.
To use other pins for the JTAG interface, the following sequence of steps must be
executed:
TRST must be high at the rising edge of PORST. Usually debuggers provide that.
Debuggers must be set to do a so called `hot attach`. This is connecting the
microcontroller without executing a reset.
Execute a write to DBGPRR register with the desired selection of pins to be used with
one of the first instructions out of Flash.
Table 8
JTAG Position A
Pin
LQFP-100
Pin
LQFP-144
Symbol
Signal
23
34
P5.2
TDI_A
68
P7.0
TDO_A
57
82
P2.9
TCK_A
28
39
P5.4
TMS_A
56
TRST
TRST


Similar Part No. - XC2200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2200U INFINEON-XC2200U Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
More results

Similar Description - XC2200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2700 INFINEON-XC2700 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.7 2014-10
XC2788X INFINEON-XC2788X Datasheet
1Mb / 140P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2230L INFINEON-XC2230L_15 Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller
V1.3 2015-02
XC2268I INFINEON-XC2268I Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2300 INFINEON-XC2300 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.9 2014-10
XC2336B INFINEON-XC2336B_14 Datasheet
625Kb / 107P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2368E INFINEON-XC2368E Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com