Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE2061 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2061
Description  75 Ohm 8 Way BNC Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2061 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2061 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2061 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm 8 Way BNC Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
Configuration
Input Connector
BNC Female
Output Connectors
BNC Female
Frequency Range, MHz
2 to 500
Number of Output Ports
8
Electrical Specifications
Frequency Range, MHz
2 to 500
Impedance, Ohms
75
Maximum Insertion Loss, dB
2
Maximum Input Power, Watts
1
Maximum Input VSWR
1.5:1
Minimum Isolation, dB
20
Mechanical Specifications
Size
Length, in [mm]
6.92 [175.77]
Width, in [mm]
2.8 [71.12]
Height, in [mm]
0.93 [23.62]
.
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm 8 Way BNC Power Divider From 2 MHz to 500 MHz Rated at 1 Watts from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 8 Way BNC Power Divider From 2 MHz to 500 MHz Rated at 1 Watts PE2061
URL: http://www.pasternack.com/8-way-bnc-reactive-power-divider-2-mhz-500-mhz-1-watts-pe2061-p.aspx
PE2061
PE2061 REV
75 Ohm 8 Way BNC Power Divider From
2 MHz to 500 MHz Rated at 1 Watts


Similar Part No. - PE2061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2062 PASTERNACK-PE2062 Datasheet
106Kb / 1P
   75 OHM BNC FEMALE POWER DIVIDER FREQUENCY RANGE:10-1000 MHz 2 OUTPUT PORTS
PE2063 PASTERNACK-PE2063 Datasheet
110Kb / 1P
   2.9mm FEMAL-MALE-MALE RESISTIVE POWER DIVIDER FREQUENCY RANGE: DC TO 12,4 GHz
PE2064 PASTERNACK-PE2064 Datasheet
110Kb / 1P
   2.9MM FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 18 GHz
PE2065 PASTERNACK-PE2065 Datasheet
116Kb / 1P
   2.9MM FEMALE-MALE -FEMALE RESISTIVE POWER DIVIDR , FREQUENCY RANGE:DC TO 26.5 GHz
PE2065 PASTERNACK-PE2065 Datasheet
565Kb / 3P
   2 Way 2.92mm Resistive Power Divider
More results

Similar Description - PE2061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2070 PASTERNACK-PE2070 Datasheet
243Kb / 2P
   50 Ohm 2 Way SMA Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
   50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
   50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
   50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2083 PASTERNACK-PE2083 Datasheet
243Kb / 3P
   50 Ohm 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
   50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
   50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
   50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
logo
Tyco Electronics
DS-309 MACOM-DS-309 Datasheet
123Kb / 1P
   Eight-Way Power Divider 2 - 500 MHz
logo
M/A-COM Technology Solu...
DS-309 MA-COM-DS-309 Datasheet
58Kb / 2P
   Eight-Way Power Divider, 2 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com