Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE82P5003 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE82P5003
Description  8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P5003 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE82P5003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE82P5003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE82P5003 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
1.15 in [29.21 mm]
Width
1.8 in [45.72 mm]
Height
0.4 in [10.16 mm]
.
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +125 deg C
Humidity
MIL-STD-202F, METHOD 103B COND. B
Shock
MIL-STD-202F, METHOD 213B COND. B
Vibration
MIL-STD-202F, METHOD 204D COND. B
Altitude
MIL-STD-202F, METHOD 105C COND. B
Temperature Cycle
MIL-STD-202F, METHOD 107 COND. A
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Performance Data
8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz, 360 Deg Phase Shift, 256 Steps and SMA from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz, 360 Deg Phase Shift, 256 Steps and SMA
PE82P5003
URL: http://www.pasternack.com/8-bit-programmable-phase-shifter-37-ghz-sma-360-deg-256-steps-pe82p5003-p.aspx
PE82P5003
PE82P5003 REV 1.0
8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz,
360 Deg Phase Shift, 256 Steps and SMA


Similar Part No. - PE82P5003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE82P5000 PASTERNACK-PE82P5000 Datasheet
665Kb / 13P
   8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz
PE82P5001 PASTERNACK-PE82P5001 Datasheet
489Kb / 8P
   8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
PE82P5002 PASTERNACK-PE82P5002 Datasheet
442Kb / 7P
   8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz
More results

Similar Description - PE82P5003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE82P5001 PASTERNACK-PE82P5001 Datasheet
489Kb / 8P
   8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
PE82P5002 PASTERNACK-PE82P5002 Datasheet
442Kb / 7P
   8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz
PE82P5000 PASTERNACK-PE82P5000 Datasheet
665Kb / 13P
   8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz
logo
Qorvo, Inc
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
   8-12 GHz 6-Bit Digital Phase Shifter
logo
TriQuint Semiconductor
TGP2102 TRIQUINT-TGP2102_15 Datasheet
377Kb / 9P
   35 GHz 5-Bit Phase Shifter
TGP2102-EPU TRIQUINT-TGP2102-EPU Datasheet
238Kb / 9P
   35 GHz 5-Bit Phase Shifter
TGP2100 TRIQUINT-TGP2100_15 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100-EPU TRIQUINT-TGP2100-EPU Datasheet
221Kb / 9P
   30 GHz 5-Bit Phase Shifter
logo
Filtronic Compound Semi...
6706 FILTRONIC-6706 Datasheet
159Kb / 4P
   PHASE SHIFTER DC TO 2,4 AND 8 GHZ, COAXIAL
logo
Hittite Microwave Corpo...
HMC929LP4E HITTITE-HMC929LP4E Datasheet
860Kb / 6P
   430째 Analog Phase Shifter, 4 - 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com