Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

280-088P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 280-088P
Description  HiPer-D Combo Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-088P Datasheet(HTML) 2 Page - Glenair, Inc.

  280-088P Datasheet HTML 1Page - Glenair, Inc. 280-088P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-35
© 2013 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324
SERIES 28
HiPer-D® Combo Connectors
C
Optional
EMI/Ground Spring
Grommet Follower
For 8 Gauge Contacts
(Supplied Loose)
12 Gauge Crimp Barrel
8 Gauge Pin
See Note 4
"H"
"J"
.320 (8.12) To
Accommodate
Micro Or Nano
Band-Master™ ATS
"S" Captive Hardware Displayed
(Hex Head Captive Screw Lock)
.049
(1.24)
.435 (11.05)
.038 (.96)
.262 ±.005
(6.65±.127)
"G"
"F"
"A"
"C"
"E"
"D"
10°
Typ
"B"
(1.13)
NOTES
1.
See About Series 28 HiPer-D® Shell Plating Options for additional shell material and finish options. Glenair offers the industry’s
widest selection of plating options with no minimum order quantities or setup charges.
2.
For panel cutouts, refer to Panel Cutouts and Printed Circuit Board Footprints.
3.
Connectors are supplied with size #20 crimp contacts per M39029. Contacts are not installed. Refer to HiPer-D® Contacts and Tools
section for contact part numbers, specifications, crimp tool information, and insertion/extraction tools.
4.
Size 8 contacts are ordered separately. Refer to HiPer-D® Contacts and Tools section for contact ordering information,
specifications, crimp tool information, and insertion/extraction tools.
5.
Combo HiPer-D® connectors meet the applicable requirements of MIL-DTL-24308 and are intermateable with standard non-
environmental D Subminiature connectors with corresponding contact arrangements and type. Size 8 contacts from other
manufacturers cannot be installed in HiPer-D® connectors.
6.
Additional electrical, mechanical and environmental specifications are listed in HiPer-D® Product Specification.
280-088P combo cable pin connectors with standard
mounting flange, integral banding platform and crimp termination
280-088P DIMENSIONS
Dimensions
SHELL
SIZE
“A” ±.015
“B” ±.015
“C” ±.005
“D” ±.005
“E” ±005
“F” ±.005
“G” ±.005
“H”
“J”
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
1
1.213
30.81
0.494
12.55
0.984
24.99
0.666
16.92
0.726
18.44
0.329
8.36
0.389
9.88
0.760
19.30
0.462
11.73
2
1.541
39.14
0.494
12.55
1.312
33.32
0.994
25.25
1.054
26.77
0.329
8.36
0.389
9.88
1.089
27.66
0.462
11.73
3
2.088
53.04
0.494
12.55
1.852
47.04
1.534
38.96
1.594
40.48
0.329
8.36
0.389
9.88
1.629
41.38
0.462
11.73
4
2.729
69.32
0.494
12.55
2.5
63.50
2.182
55.42
2.242
56.94
0.329
8.36
0.389
9.88
2.277
57.84
0.462
11.73
5
2.635
66.93
0.605
15.37
2.406
61.11
2.079
52.81
2.139
54.33
0.441
11.20
0.501
12.73
2.182
55.42
0.474
12.04
6
2.729
69.32
0.668
16.97
2.5
63.50
2.212
56.18
2.272
57.71
0.503
12.77
0.563
14.30
2.307
58.60
0.626
15.90


Similar Part No. - 280-088P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-086 GLENAIR-280-086 Datasheet
341Kb / 2P
   HiPer-D Standard and High-Density Connectors
280-087 GLENAIR-280-087 Datasheet
328Kb / 2P
   HiPer-D짰 Standard and High-Density Connectors
280-089P GLENAIR-280-089P Datasheet
328Kb / 2P
   HiPer-D Combo Connectors
More results

Similar Description - 280-088P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-050P GLENAIR-280-050P Datasheet
245Kb / 2P
   HiPer-D Combo Connectors
280-047S GLENAIR-280-047S Datasheet
212Kb / 2P
   HiPer-D Combo Connectors
280-051S GLENAIR-280-051S Datasheet
210Kb / 2P
   HiPer-D Combo Connectors
280-089P GLENAIR-280-089P Datasheet
328Kb / 2P
   HiPer-D Combo Connectors
280-056P GLENAIR-280-056P Datasheet
185Kb / 2P
   HiPer-D Combo Connectors
280-059S GLENAIR-280-059S Datasheet
223Kb / 2P
   HiPer-D Combo Connectors
280-046P GLENAIR-280-046P Datasheet
254Kb / 2P
   HiPer-D Combo Connectors
280-048P GLENAIR-280-048P Datasheet
346Kb / 2P
   HiPer-D Combo Connectors
280-054P GLENAIR-280-054P Datasheet
195Kb / 2P
   HiPer-D Combo Connectors
280-058P GLENAIR-280-058P Datasheet
260Kb / 2P
   HiPer-D Combo Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com