Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM34910SD Datasheet(PDF) 2 Page - Texas Instruments

Part # LM34910SD
Description  High Voltage (40V, 1.25A) Step Down Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34910SD Datasheet(HTML) 2 Page - Texas Instruments

  LM34910SD Datasheet HTML 1Page - Texas Instruments LM34910SD Datasheet HTML 2Page - Texas Instruments LM34910SD Datasheet HTML 3Page - Texas Instruments LM34910SD Datasheet HTML 4Page - Texas Instruments LM34910SD Datasheet HTML 5Page - Texas Instruments LM34910SD Datasheet HTML 6Page - Texas Instruments LM34910SD Datasheet HTML 7Page - Texas Instruments LM34910SD Datasheet HTML 8Page - Texas Instruments LM34910SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM34910
4
ON TIMER
280 ns
OFF TIMER
LEVEL
SHIFT
THERMAL
SHUTDOWN
7V SERIES
REGULATOR
VCC
UVLO
8V-36V
Input
VIN
C1
RON
C5
10
RON/
SD
8
7
SS
6 FB
5
RTN
LOGIC
REGULATION
COMPARATOR
OVER-VOLTAGE
COMPARATOR
+
-
+
-
+
-
D1
SGND
ISEN 3
SW 1
BST 2
VCC 9
VIN
COMPLETE
START
RON
START
COMPLETE
C3
C4
R1
R2
R3
C2
CURRENT LIMIT
COMPARATOR
RSENSE
50 m:
VOUT1
VOUT2
2.875V
2.5V
11.5 PA
GATE DRIVE
UVLO
L1
+
-
+
-
0.7V
DRIVER
DRIVER
62.5 mV
C6
LM34910
SNVS297B – OCTOBER 2004 – REVISED MARCH 2013
www.ti.com
Typical Application Circuit and Block Diagram
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
Internally connected to the buck switch source. Connect to
1
SW
Switching Node
the external inductor, diode, and boost capacitor.
Connect a 0.022 µF capacitor from SW to this pin. An
2
BST
Boost pin for boot-strap capacitor
internal diode charges the capacitor during the off-time.
Internally the current sense resistor connects from this pin to
3
ISEN
Current sense input
SGND. Re-circulating current flows out of this pin to the free-
wheeling diode. Current limit is set at 1.25A.
Re-circulating current flows into this pin to the current sense
4
SGND
Sense Ground
resistor.
Ground for all internal circuitry other than the current limit
5
RTN
Circuit Ground
detection.
Internally connected to the regulation and over-voltage
6
FB
Feedback
comparators. The regulation level is 2.5V.
An internal 11.5 µA current source charges an external
7
SS
Softstart
capacitor to 2.5V to provide the softstart function.
An external resistor from VIN to this pin sets the buck switch
8
RON/SD
On-time Control and Shutdown
on-time. Grounding this pin shuts down the regulator.
Nominally regulated to 7.0V. An external voltage (8V-14V)
9
VCC
Output from the start-up regulator
can be connected to this pin to reduce internal dissipation.
An internal diode connects VCC to VIN.
10
VIN
Input supply voltage
Nominal input range is 8.0V to 36V.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM34910


Similar Part No. - LM34910SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34910SD NSC-LM34910SD Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910SDX NSC-LM34910SDX Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
More results

Similar Description - LM34910SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com