Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM34910SD Datasheet(PDF) 1 Page - Texas Instruments

Part # LM34910SD
Description  High Voltage (40V, 1.25A) Step Down Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34910SD Datasheet(HTML) 1 Page - Texas Instruments

  LM34910SD Datasheet HTML 1Page - Texas Instruments LM34910SD Datasheet HTML 2Page - Texas Instruments LM34910SD Datasheet HTML 3Page - Texas Instruments LM34910SD Datasheet HTML 4Page - Texas Instruments LM34910SD Datasheet HTML 5Page - Texas Instruments LM34910SD Datasheet HTML 6Page - Texas Instruments LM34910SD Datasheet HTML 7Page - Texas Instruments LM34910SD Datasheet HTML 8Page - Texas Instruments LM34910SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
BST
ISEN
SGND
RTN
RON/SD
SS
FB
SW
1
2
3
4
5
10
9
8
7
6
VCC
VIN
LM34910
www.ti.com
SNVS297B – OCTOBER 2004 – REVISED MARCH 2013
LM34910 High Voltage (40V, 1.25A) Step Down Switching Regulator
Check for Samples: LM34910
1
FEATURES
DESCRIPTION
The
LM34910
Step
Down
Switching
Regulator
2
Integrated 40V, N-Channel Buck Switch
features all of the functions needed to implement a
Integrated Start-Up Regulator
low cost, efficient, buck bias regulator capable of
Input Voltage Range: 8V to 36V
supplying 1.25A to the load. This buck regulator
contains a 40V N-Channel Buck Switch, and is
No Loop Compensation Required
available
in
the
thermally
enhanced
WSON-10
Ultra-Fast Transient Response
package. The hysteretic regulation scheme requires
Operating Frequency Remains Constant with
no loop compensation, results in fast load transient
Load Current and Input Voltage
response, and simplifies circuit implementation. The
operating frequency remains constant with line and
Maximum Duty Cycle Limited During Start-Up
load
variations
due
to
the
inverse
relationship
Adjustable Output Voltage
between the input voltage and the on-time. The
Valley Current Limit At 1.25A
current limit detection is set at 1.25A. Additional
features include: VCC under-voltage lockout, thermal
Precision Internal Reference
shutdown, gate drive under-voltage lockout, and
Low Bias Current
maximum duty cycle limiter.
Highly Efficient Operation
Thermal Shutdown
Package
WSON-10 (4 mm x 4 mm)
TYPICAL APPLICATIONS
Exposed
Thermal
Pad
For
Improved
Heat
Dissipation
High Efficiency Point-Of-Load (POL) Regulator
Non-Isolated Telecommunication Buck
Regulator
Secondary High Voltage Post Regulator
Connection Diagram
Figure 1. 10-Lead WSON
See DPR0010A Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM34910SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34910SD NSC-LM34910SD Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910SDX NSC-LM34910SDX Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
More results

Similar Description - LM34910SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com