Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26480 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM26480
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26480 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM26480_15 Datasheet HTML 4Page - Texas Instruments LM26480_15 Datasheet HTML 5Page - Texas Instruments LM26480_15 Datasheet HTML 6Page - Texas Instruments LM26480_15 Datasheet HTML 7Page - Texas Instruments LM26480_15 Datasheet HTML 8Page - Texas Instruments LM26480_15 Datasheet HTML 9Page - Texas Instruments LM26480_15 Datasheet HTML 10Page - Texas Instruments LM26480_15 Datasheet HTML 11Page - Texas Instruments LM26480_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LM26480
SNVS543K – JANUARY 2008 – REVISED JANUARY 2015
www.ti.com
Low Dropout Regulators, LDO1 and LDO2 (continued)
Unless otherwise noted, VIN = 3.6 V, CIN = 1 µF, COUT = 0.47 µF, and values and limits apply for TJ = 25°C, unless otherwise
specified.
(1)(2)(3)(4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Capacitance for stability 0°C
≤ TJ ≤ 125°C
0.47
−40°C ≤ TJ ≤ 125°C
0.33
µF
COUT
Output capacitor
−40°C ≤ TJ ≤ 125°C
0.68
1
ESR (Equivalent Series Resistance)
5
500
m
TJ = −40°C to 125°C
7.7 Buck Converters SW1, SW2
Unless otherwise noted, VIN = 3.6 V, CIN = 10 µF, COUT = 10 µF, LOUT = 2.2 µH, and limits apply for TJ = 25°C, unless
otherwise specified.
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
(5)
Feedback voltage
−3%
3%
2.8 V < VIN < 5.5 V
Line regulation
0.089
%/V
IOUT = 10 mA
VOUT
Load regulation
100 mA < IOUT < IMAX
0.0013
%/mA
Eff
Efficiency
Load current = 250 mA
96%
ISHDN
Shutdown supply current
EN is de-asserted
0.01
1
µA
Default oscillator frequency = 2 MHz
1.6
2
2.4
Default oscillator frequency = 2.1 MHz
2.1
2.5
ƒOSC
Internal oscillator frequency
MHz
Default oscillator frequency = 2.1 MHz
1.7
TJ = −40°C to 125°C
Buck1 peak switching current
2
2.4
limit
IPEAK
A
Buck2 peak switching current
2
2.4
limit
No load PFM mode
33
µA
IQ
Quiescent current on(6)
No load PWM mode (forced PWM)
2
mA
RDSON (P)
Pin-pin resistance PFET
200
400
m
RDSON (N)
Pin-pin resistance NFET
180
400
TON
Turnon time
Start-up from shutdown
500
µsec
CIN
Input capacitor
Capacitance for stability
10
µF
COUT
Output capacitor
Capacitance for stability
10
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum (MIN) and maximum (MAX) limits are specified by design, test, or statistical analysis. Typical (TYP) numbers represent the
most likely norm.
(3)
CIN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
The device maintains a stable, regulated output voltage without a load.
(5)
VIN ≥ VOUT + RDSON(P) (IOUT + 1/2 IRIPPLE). If these conditions are not met, voltage regulation will degrade as load increases.
(6)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM26480


Similar Part No. - LM26480_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Similar Description - LM26480_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26480SQ-AA_NOPB TI1-LM26480SQ-AA_NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com