Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26400Y Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM26400Y
Description  LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26400Y Datasheet(HTML) 1 Page - Texas Instruments

  LM26400Y Datasheet HTML 1Page - Texas Instruments LM26400Y Datasheet HTML 2Page - Texas Instruments LM26400Y Datasheet HTML 3Page - Texas Instruments LM26400Y Datasheet HTML 4Page - Texas Instruments LM26400Y Datasheet HTML 5Page - Texas Instruments LM26400Y Datasheet HTML 6Page - Texas Instruments LM26400Y Datasheet HTML 7Page - Texas Instruments LM26400Y Datasheet HTML 8Page - Texas Instruments LM26400Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM26400Y
SNVS457D – FEBRUARY 2007 – REVISED OCTOBER 2015
LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
1 Features
3 Description
The LM26400Y device is a monolithic, two-output
1
Input Voltage Range of 3 V to 20 V
fixed-frequency PWM step-down DC-DC regulator, in
Dual 2-A Output
a 16-pin WSON or thermally-enhanced HTSSOP
Output Voltage Down to 0.6 V
package. With a minimum number of external
components and internal loop compensation, the
Internal Compensation
LM26400Y is easy to use.
500-kHz PWM Frequency
The ability to drive 2-A loads with an internal 175-m
Separate Enable Pins
NMOS switch using state-of-the-art 0.5-µm BiCMOS
Separate Soft-Start Pins
technology results in a high-power density design.
Frequency Foldback Protection
The world class control circuitry allows for an ON-
time as low as 40 ns, thus supporting high-frequency
175-m
Ω NMOS Switch
conversion over the entire input range of 3 V to 20 V
Integrated Bootstrap Diodes
and down to an output voltage of only 0.6 V. The
Overcurrent Protection
LM26400Y utilizes peak current-mode control and
HTSSOP and WSON Packages
internal compensation to provide high-performance
regulation over a wide range of line and load
Thermal Shutdown
conditions. Switching frequency is internally set to
500 kHz, optimal for a broad range of applications in
2 Applications
terms of size versus thermal tradeoffs.
DTV-LCD
Given a nonsynchronous architecture, efficiencies
Set-Top Boxes
above 90% are easy to achieve. External shutdown is
XDSL
included, enabling separate turnon and turnoff of the
two
channels.
Additional
features
include
Automotive
programmable soft-start circuitry to reduce inrush
Computing Peripherals
current, pulse-by-pulse current limit and frequency
Industrial Controls
foldback, integrated bootstrap structure, and thermal
shutdown.
Points-of-Load
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
WSON (16)
5.00 mm × 5.00 mm
LM26400Y
HTSSOP (16)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM26400Y

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26400Y NSC-LM26400Y Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI1-LM26400Y Datasheet
6Mb / 32P
[Old version datasheet]   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
National Semiconductor ...
LM26400YMH NSC-LM26400YMH Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
LM26400YMHX NSC-LM26400YMHX Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
LM26400YSD NSC-LM26400YSD Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
More results

Similar Description - LM26400Y

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26400Y_0708 NSC-LM26400Y_0708 Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI1-LM26400Y_14 Datasheet
6Mb / 32P
[Old version datasheet]   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com