Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26001B Datasheet(PDF) 11 Page - Texas Instruments

Part # LM26001B
Description  LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26001B Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM26001B_15 Datasheet HTML 7Page - Texas Instruments LM26001B_15 Datasheet HTML 8Page - Texas Instruments LM26001B_15 Datasheet HTML 9Page - Texas Instruments LM26001B_15 Datasheet HTML 10Page - Texas Instruments LM26001B_15 Datasheet HTML 11Page - Texas Instruments LM26001B_15 Datasheet HTML 12Page - Texas Instruments LM26001B_15 Datasheet HTML 13Page - Texas Instruments LM26001B_15 Datasheet HTML 14Page - Texas Instruments LM26001B_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Vout
10 mV/Div
VSW
5V/Div
IL
200 mA/Div
1 Ps/DIV
VIN (V)
20
60
80
100
120
160
10
14
16
20
22 PH
15 PH
22 PH
15 PH
500 kHz
330 kHz
140
40
4
6
8
12
18
LM26001B
www.ti.com
SNVS491B – MAY 2007 – REVISED APRIL 2013
Figure 17. Sleep Mode Threshold vs Vin
Vout = 3.3V
FPWM
Pulling the FPWM pin high disables sleep mode and forces the LM26001B to always operate in PWM mode.
Light load efficiency is reduced in PWM mode, but switching frequency remains stable. The FPWM pin can be
connected to the VDD pin to pull it high. In FPWM mode, under light load conditions, the regulator operates in
discontinuous conduction mode (DCM) . In discontinuous conduction mode, current through the inductor starts at
zero and ramps up to its peak, then ramps down to zero again. Until the next cycle, the inductor current remains
at zero. At nominal load currents, in FPWM mode, the device operates in continuous conduction mode, where
positive current always flows in the inductor. Typical discontinuous operation waveforms are shown below.
Figure 18. Discontinuous Mode Waveforms
75mA Load, Vin = 12V
At very light load, in FPWM mode, the LM26001B may enter sleep mode. This is to prevent an over-voltage
condition from occurring. However, the FPWM sleep threshold is much lower than in normal operation.
ENABLE
The LM26001B provides a shutdown function via the EN pin to disable the device when the output voltage does
not need to be maintained. EN is an analog level input with typically 120 mV of hysteresis. The device is active
when the EN pin is above 1.2V (typical) and in shutdown mode when EN is below this threshold. When EN goes
high, the internal VDD regulator turns on and charges the VDD capacitor. When VDD reaches 3.9V (typical), the
soft-start pin begins to source current. In shutdown mode, the VDD regulator shuts down and total quiescent
current is reduced to 10 µA (typical). Because the EN pin sources 4.5 µA (typical) of pull-up current, this pin can
be left open or connected to VIN for always-on operation. When open, EN will be pulled up to VIN.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM26001B


Similar Part No. - LM26001B_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001BMH NSC-LM26001BMH Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001BMHX NSC-LM26001BMHX Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results

Similar Description - LM26001B_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com