Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSG0810NDI Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BSG0810NDI
Description  Pb-free lead plating; RoHS compliant
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSG0810NDI Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BSG0810NDI Datasheet HTML 6Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 7Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 8Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 9Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 10Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 11Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 12Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 13Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BSG0810NDI
21 Forward characteristics of reverse diode (Q1)
22 Forward characteristics of reverse diode (Q2)
I F=f(V SD)
I F=f(V SD)
parameter: T j
parameter: T j
23 Avalanche characteristics (Q1)
24 Avalanche characteristics (Q2)
I AS=f(t AV); R GS=25 W
I AS=f(t AV); R GS=25 W
parameter: T j(start)
parameter: T j(start)
25 °C
100 °C
125 °C
100
101
102
103
100
101
102
t
AV [µs]
25 °C
100 °C
125 °C
100
101
102
103
100
101
102
t
AV [µs]
25 °C
150 °C
10-2
10-1
100
101
102
103
0
0.4
0.8
1.2
V
SD [V]
-55 °C
25 °C
150 °C
100 °C
10-2
10-1
100
101
102
103
0
0.4
0.8
1.2
V
SD [V]
Rev.2.0.1
page 10
2015-08-21


Similar Part No. - BSG0810NDI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSG0810NDI INFINEON-BSG0810NDI Datasheet
382Kb / 14P
   Power Block
Rev.2.1 2016-03-08
BSG0810NDI INFINEON-BSG0810NDI_16 Datasheet
382Kb / 14P
   Power Block
Rev.2.1 2016-03-08
More results

Similar Description - BSG0810NDI

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com