Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM22674MRE-ADJ/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM22674MRE-ADJ/NOPB
Description  LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22674MRE-ADJ/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM22674MRE-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 10Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 11Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 12Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 13Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 14Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LM22674, LM22674-Q1
www.ti.com
SNVS590M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
7.4 Device Functional Modes
7.4.1 Current Limit
The LM22674 device has current limiting to prevent the switch current from exceeding safe values during an
accidental overload on the output. This peak current limit is found in the Electrical Characteristics table under the
heading of ICL. The maximum load current that can be provided, before current limit is reached, is determined
from Equation 5.
(5)
Where:
L is the value of the power inductor.
When the LM22674 device enters current limit, the output voltage will drop and the peak inductor current will be
fixed at ICL at the end of each cycle. The switching frequency will remain constant while the duty cycle drops. The
load current will not remain constant, but will depend on the severity of the overload and the output voltage.
For very severe overloads ("short-circuit"), the regulator changes to a low frequency current foldback mode of
operation. The frequency foldback is about 1/5 of the nominal switching frequency. This will occur when the
current limit trips before the minimum on-time has elapsed. This mode of operation is used to prevent inductor
current "run-away", and is associated with very low output voltages when in overload. Equation 6 can be used to
determine what level of output voltage will cause the part to change to low frequency current foldback.
(6)
Where:
Fsw is the normal switching frequency.
Vin is the maximum for the application.
If the overload drives the output voltage to less than or equal to Vx, the part will enter current foldback mode. If a
given application can drive the output voltage to
≤ Vx, during an overload, then a second criterion must be
checked. Equation 7 gives the maximum input voltage, when in this mode, before damage occurs.
(7)
Where:
Vsc is the value of output voltage during the overload.
fsw is the normal switching frequency.
NOTE
If the input voltage should exceed this value while in foldback mode, the regulator and/or
the diode may be damaged.
It is important to note that the voltages in these equations are measured at the inductor. Normal trace and wiring
resistance will cause the voltage at the inductor to be higher than that at a remote load. Therefore, even if the
load is shorted with zero volts across its terminals, the inductor will still see a finite voltage. It is this value that
should be used for Vx and Vsc in the calculations. In order to return from foldback mode, the load must be
reduced to a value much lower than that required to initiate foldback. This load "hysteresis" is a normal aspect of
any type of current limit foldback associated with voltage regulators.
The safe operating area, when in short circuit mode, is shown in Figure 12. Operating points below and to the
right of the curve represent safe operation.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM22674 LM22674-Q1


Similar Part No. - LM22674MRE-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22674MRE-ADJ/NOPB TI-LM22674MRE-ADJ/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

Similar Description - LM22674MRE-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com