Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM22674MRE-ADJ/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM22674MRE-ADJ/NOPB
Description  LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22674MRE-ADJ/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM22674MRE-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 10Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 11Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LOGIC
OSC
+
-
TYPE III
COMP
+
-
1.285V
&
Soft-start
INT REG, EN,UVLO
GND
SW
BOOT
VIN
EN
FB
VIN
VOUT
Error Amp.
PWM Cmp.
Vcc
ILimit
LM22674, LM22674-Q1
SNVS590M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM22674 incorporates a voltage mode constant frequency PWM architecture. In addition, input voltage
feedforward is used to stabilize the loop gain against variations in input voltage. This allows the loop
compensation to be optimized for transient performance. The power MOSFET, in conjunction with the diode,
produce a rectangular waveform at the switch pin, that swings from about zero volts to VIN. The inductor and
output capacitor average this waveform to become the regulator output voltage. By adjusting the duty cycle of
this waveform, the output voltage can be controlled. The error amplifier compares the output voltage with the
internal reference and adjusts the duty cycle to regulate the output at the desired value.
The internal loop compensation of the -ADJ option is optimized for outputs of 5V and below. If an output voltage
of 5 V or greater is required, the -5.0 option can be used with an external voltage divider. The minimum output
voltage is equal to the reference voltage, that is, 1.285 V (typ).
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Precision Enable and UVLO
The precision enable input (EN) is used to control the regulator. The precision feature allows simple sequencing
of multiple power supplies with a resistor divider from another supply. Connecting this pin to ground or to a
voltage less than 1.6 V (typ) will turn off the regulator. The current drain from the input supply, in this state, is
25 µA (typ) at an input voltage of 12 V. The EN input has an internal pullup of about 6 µA. Therefore this pin can
be left floating or pulled to a voltage greater than 2.2 V (typ) to turn the regulator on. The hysteresis on this input
is about 0.6 V (typ) above the 1.6 V (typ) threshold. When driving the enable input, the voltage must never
exceed the 6 V absolute maximum specification for this pin.
8
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM22674 LM22674-Q1


Similar Part No. - LM22674MRE-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22674MRE-ADJ/NOPB TI-LM22674MRE-ADJ/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

Similar Description - LM22674MRE-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com